전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BP103BF-3 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 BP103BF-3
상세설명  NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BP103BF-3 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  BP103BF-3 Datasheet HTML 1Page - Siemens Semiconductor Group BP103BF-3 Datasheet HTML 2Page - Siemens Semiconductor Group BP103BF-3 Datasheet HTML 3Page - Siemens Semiconductor Group BP103BF-3 Datasheet HTML 4Page - Siemens Semiconductor Group BP103BF-3 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BP 103 B
BP 103 BF
Semiconductor Group
207
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen
Ziffern gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished
by arabian figures.
1) I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe
1) I
PCEmin is the min. photocurrent of the specified group
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
-2
-3
-4
Fotostrom,
λ = 950 nm
Photocurrent
Ee = 0.5 mW/cm
2, V
CE = 5 V
Ev = 1000 Ix, Normlicht/standard light A,
VCE = 5 V
IPCE
IPCE
0.63 ... 1.25
3.4
1 ... 2
5.4
≥1.6
8.6
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
IC = 1 mA, VCC = 5 V, RL = 1 kΩ
tr, tf
7.5
10
10
µs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
IC = IPCEmin
1) x 0.3,
Ee = 0.5 mW/cm
2
VCEsat
130
140
150
mV


유사한 부품 번호 - BP103BF-3

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BP103BF-3 SIEMENS-BP103BF-3 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results

유사한 설명 - BP103BF-3

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH313 SIEMENS-SFH313 Datasheet
44Kb / 5P
.Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
SFH3162F OSRAM-SFH3162F Datasheet
241Kb / 7P
Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH3163F OSRAM-SFH3163F Datasheet
243Kb / 7P
Doppel-NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com