전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34F 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 BPW34F
상세설명  Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPW34F 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  BPW34F Datasheet HTML 1Page - Siemens Semiconductor Group BPW34F Datasheet HTML 2Page - Siemens Semiconductor Group BPW34F Datasheet HTML 3Page - Siemens Semiconductor Group BPW34F Datasheet HTML 4Page - Siemens Semiconductor Group BPW34F Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BPW 34 F, BPW 34 FS
BPW 34 FS (E9087)
Semiconductor Group
5
1998-08-27
Directional characteristics Srel = f (ϕ)
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Relative spectral sensitivity
Srel = f (λ)
Dark current
IR = f (VR), E = 0
Photocurrent IP = f (Ee), VR = 5 V
Open-circuit voltage VO = f (Ee)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation
Ptot = f (TA)
Dark current
IR = f (TA), VR = 10 V, E = 0
λ
OHF00368
0
rel
S
700
20
40
60
80
%
100
nm
800
900
1000
1200
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
E
OHF01097
e
0
10
P
Ι
10
1
10
2
10
4
10
-1
10
0
10
1
10
2
4
10
3
10
2
10
1
10
10
0
µAmV
Ι
P
V
O
3
10
µW/cm2
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100


유사한 부품 번호 - BPW34F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
logo
Siemens Semiconductor G...
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BPW34FA OSRAM-BPW34FA Datasheet
74Kb / 6P
Si-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA OSRAM-BPW34FA Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter
logo
Siemens Semiconductor G...
BPW34FAS SIEMENS-BPW34FAS Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
More results

유사한 설명 - BPW34F

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34FA SIEMENS-BPW34FA Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH217 SIEMENS-SFH217 Datasheet
152Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
logo
Siemens Semiconductor G...
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
logo
OSRAM GmbH
BPW34FA OSRAM-BPW34FA_04 Datasheet
74Kb / 6P
Si-PIN-Fotodiode mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
SFH204F SIEMENS-SFH204F Datasheet
86Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com