전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD1131R 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 HD1131R
상세설명  SEVEN SEGMENT DISPLAY 13MM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HD1131R 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  HD1131R Datasheet HTML 1Page - Siemens Semiconductor Group HD1131R Datasheet HTML 2Page - Siemens Semiconductor Group HD1131R Datasheet HTML 3Page - Siemens Semiconductor Group HD1131R Datasheet HTML 4Page - Siemens Semiconductor Group HD1131R Datasheet HTML 5Page - Siemens Semiconductor Group HD1131R Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


유사한 부품 번호 - HD1131R

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HD1131R SIEMENS-HD1131R Datasheet
78Kb / 2P
   0.51(13MM) SEVEN SEGMENT NUMERIC DISPLAY
More results

유사한 설명 - HD1131R

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HD1131R SIEMENS-HD1131R Datasheet
78Kb / 2P
   0.51(13MM) SEVEN SEGMENT NUMERIC DISPLAY
HDN1131O SIEMENS-HDN1131O Datasheet
522Kb / 5P
   SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION
HDN1131 SIEMENS-HDN1131 Datasheet
50Kb / 1P
   0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
logo
Fairchild Semiconductor
MAN5750 FAIRCHILD-MAN5750 Datasheet
480Kb / 10P
   0.510-INCH (13MM) SEVEN SEGMENT DISPLAYS
logo
QT Optoelectronics
MAN5350 QT-MAN5350 Datasheet
574Kb / 7P
   0.510 INCH (13MM) SEVEN SEGMENT DISPLAYS
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
logo
LUMEX INC.
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
   RED, SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com