전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KOM2125 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 KOM2125
상세설명  NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KOM2125 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  KOM2125 Datasheet HTML 1Page - Siemens Semiconductor Group KOM2125 Datasheet HTML 2Page - Siemens Semiconductor Group KOM2125 Datasheet HTML 3Page - Siemens Semiconductor Group KOM2125 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
KOM 2125
Relative spectral sensitivity
Srel = f (λ)
Dark current, IR = f (VR), E = 0
normalized to 10 V/25 oC
Photocurrent IP = f (Ev), VR = 5 V
Open-circuit voltage VO = f (Ev)
Capacitance
C = f (VR), f = 1 MHz, E = 0
Total power dissipation
Ptot = f (TA)
Dark current IR = f (TA),
VR = 10 V, E = 0, normalized to TA = 25
oC
Directional characteristics Srel = f (ϕ)


유사한 부품 번호 - KOM2125

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KOM2125 OSRAM-KOM2125 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
KOM2125FA OSRAM-KOM2125FA Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
More results

유사한 설명 - KOM2125

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
SFH205FA SIEMENS-SFH205FA Datasheet
62Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit Tageslichtsperrfilter New: Silicon-PIN-Photodiode with Daylight Filter
logo
OSRAM GmbH
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
BPW34-B OSRAM-BPW34-B Datasheet
70Kb / 6P
   Silizium-PIN-Fotodiode mit erh철hter Blauempfindlichkeit; in SMT Silicon PIN Photodiode with Enhanced Blue Sensitivity; in SMT
logo
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
Q65110A2701 OSRAM-Q65110A2701 Datasheet
139Kb / 8P
   Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com