전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LHT674 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 LHT674
상세설명  TOPLED Super-Bright, Hyper-Red GaAIAs-LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LHT674 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  LHT674 Datasheet HTML 1Page - Siemens Semiconductor Group LHT674 Datasheet HTML 2Page - Siemens Semiconductor Group LHT674 Datasheet HTML 3Page - Siemens Semiconductor Group LHT674 Datasheet HTML 4Page - Siemens Semiconductor Group LHT674 Datasheet HTML 5Page - Siemens Semiconductor Group LHT674 Datasheet HTML 6Page - Siemens Semiconductor Group LHT674 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
LH T674
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 10 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 10 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA


유사한 부품 번호 - LHT674

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LHT674 OSRAM-LHT674 Datasheet
516Kb / 21P
   Optical Indicator
More results

유사한 설명 - LHT674

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com