전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH206K 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 SFH206K
상세설명  Silizium-PIN-Fotodiode Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH206K 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  SFH206K Datasheet HTML 1Page - Siemens Semiconductor Group SFH206K Datasheet HTML 2Page - Siemens Semiconductor Group SFH206K Datasheet HTML 3Page - Siemens Semiconductor Group SFH206K Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
1998-03-17
Silizium-PIN-Fotodiode
Silicon PIN Photodiode
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 400 nm bis 1100 nm
q
Kurze Schaltzeit (typ. 20 ns)
q
5-mm-Plastikbauform im LED-Gehäuse
q
Auch gegurtet lieferbar
Anwendungen
q
Computer-Blitzlichtgeräte
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
400 nm to 1100 nm
q
Short switching time (typ. 20 ns)
q
5 mm LED plastic package
q
Also available on tape
Applications
q
Computer-controlled flashes
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
Typ
Type
Bestellnummer
Ordering Code
SFH 206 K
Q62702-P129
SFH 206 K
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.


유사한 부품 번호 - SFH206K

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH206K OSRAM-SFH206K Datasheet
239Kb / 9P
   Silicon PIN Photodiode
More results

유사한 설명 - SFH206K

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
Siemens Semiconductor G...
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
BPW33 SIEMENS-BPW33 Datasheet
30Kb / 4P
   Silizium-Fotodiode, Silicon Photodiode
SFH205F SIEMENS-SFH205F Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH204F SIEMENS-SFH204F Datasheet
86Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
SFH205 SIEMENS-SFH205 Datasheet
157Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
BPX90 SIEMENS-BPX90 Datasheet
240Kb / 5P
   Silizium-Fotodiode Silicon Photodiode
SFH205FA SIEMENS-SFH205FA Datasheet
62Kb / 4P
   Neu: Silizium-PIN-Fotodiode mit Tageslichtsperrfilter New: Silicon-PIN-Photodiode with Daylight Filter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com