전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH2540FA 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 SFH2540FA
상세설명  Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH2540FA 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  SFH2540FA Datasheet HTML 1Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 2Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 3Page - Siemens Semiconductor Group SFH2540FA Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SFH 2540/FA
SFH 2545/FA
Semiconductor Group
3
Halbwinkel
Half angle
ϕ± 15
± 15
Grad
deg.
Dunkelstrom,
V
R = 10 V
Dark current
I
R
1 (
≤ 5)
1 (
≤ 5)
nA
Spektrale Fotoempfindlichkeit,
λ = 850 nm
Spectral sensitivity
Sλ
0.62
0.59
A/W
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.89
0.86
Electrons
Photons
Leerlaufspannung
Open-circuit voltage
E
v = 1000 Ix, Normlicht/standard light A,
T = 2856 K
E
e = 0.5 mW/cm
2,
λ = 870 nm
V
O
V
O
430 (
> 360)
390 (
> 320)
mV
mV
Kurzschlußstrom
Short-circuit current
E
v = 1000 Ix, Normlicht/standard light A,
T = 2856 K
E
e = 0.5 mW/cm
2,
λ = 870 nm
I
SC
I
SC
100
35
µA
µA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 50 Ω; VR = 5 V; λ = 850 nm; Ip = 800 µA
t
r, tf
55
ns
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
11
11
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
Normlicht/standard light A
λ = 870 nm
TC
I
0.18
0.1
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 20 V, λ = 850 nm
NEP
2.9
× 10– 14 2.9 × 10– 14
W
√Hz
Nachweisgrenze,
V
R = 20 V, λ = 850 nm
Detection limit
D*
3.5
× 1012
3.5
× 1012
cm ·
√Hz
W
Kennwerte
(T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 2540
SFH 2545
SFH 2540 FA
SFH 2545 FA


유사한 부품 번호 - SFH2540FA

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SFH250 SIEMENS-SFH250 Datasheet
126Kb / 4P
PIN PHOTODIODE
logo
Infineon Technologies A...
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH250 AVAGO-SFH250 Datasheet
520Kb / 4P
Receiver with analog output for polymer optical fiber applications
logo
OSRAM GmbH
SFH2500 OSRAM-SFH2500 Datasheet
275Kb / 7P
Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
SFH2500FA OSRAM-SFH2500FA Datasheet
275Kb / 7P
Silicon PIN Photodiode with Very Short Switching Time in SMR짰 Package
More results

유사한 설명 - SFH2540FA

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BPX63 SIEMENS-BPX63 Datasheet
194Kb / 4P
Silizium-Fotodiode mit sehr kleinem Dunkelstrom Silicon Photodiode with Very Low Dark Current
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH203P SIEMENS-SFH203P Datasheet
223Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH213 SIEMENS-SFH213 Datasheet
224Kb / 4P
Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH214 SIEMENS-SFH214 Datasheet
204Kb / 4P
Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH216 SIEMENS-SFH216 Datasheet
200Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH217 SIEMENS-SFH217 Datasheet
152Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH229 SIEMENS-SFH229 Datasheet
250Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2801 SIEMENS-SFH2801 Datasheet
69Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com