전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH302-3 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 SFH302-3
상세설명  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH302-3 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  SFH302-3 Datasheet HTML 1Page - Siemens Semiconductor Group SFH302-3 Datasheet HTML 2Page - Siemens Semiconductor Group SFH302-3 Datasheet HTML 3Page - Siemens Semiconductor Group SFH302-3 Datasheet HTML 4Page - Siemens Semiconductor Group SFH302-3 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFH 302
Semiconductor Group
252
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 450 nm bis 1100 nm
q
Hohe Linearität
q
TO-18, Bodenplatte, klares Epoxy-
Gießharz, mit Basisanschluß
q
Gruppiert lieferbar
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
450 nm to 1100 nm
q
High linearity
q
TO-18, base plate, transparent exposy resin
lens, with base connection
q
Available in groups
Applications
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
SFH 302
Typ
Type
Bestellnummer
Ordering Code
SFH 302
Q62702-P1641
SFH 302-2
Q62702-P1623
SFH 302-3
Q62702-P1624
SFH 302-4
Q62702-P1625
SFH 302-5
Q62702-P1626
SFH 302-6
Q62702-P1627
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified
10.95


유사한 부품 번호 - SFH302-3

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH302 OSRAM-SFH302 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
More results

유사한 설명 - SFH302-3

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
.NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com