전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4714C 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 TDA4714C
상세설명  IC for Switched-Mode Power Supplies (SMPS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4714C 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  TDA4714C Datasheet HTML 1Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 2Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 3Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 4Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 5Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 6Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 7Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 8Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TDA 4714 C
TDA 4716 C
Semiconductor Group
4
Circuit Description
The following is a description of the individual functional units and their interaction.
Voltage Controlled Oscillator (VCO)
The VCO generates a sawtooth voltage. The duration of the falling edge is determined
by the value of
C
T. The duration of the rising edge of the waveform and, therefore,
approximately the frequency, is determined by the value of
R
T. During the fall time, the
VCO provides a trigger signal for the ramp generator, as well as an L signal for a number
of IC parts to be controlled.
Ramp Generator
The ramp generator is triggered by the VCO and oscillates at the same frequency. The
duration of the falling edge of the ramp generator waveform is to be shorter than the fall
time of the VCO. To control the pulse width at the output, the voltage of the rising edge
of the ramp generator signal is compared with a DC voltage at comparator K2. The slope
of the rising edge of the ramp generator signal is controlled by the current through
R
R.
This offers the possibility of an additional, superimposed control of the output duty cycle.
This additional control capability, called “feed-forward control”, is utilized to compensate
for known interference such as ripple on the input voltage.
Push-Pull Flipflop
The push-pull flipflop is switched by the falling edge of the VCO. This ensures that only
one output of the two push-pull outputs is enabled at a time.
Comparator K2
The two plus inputs of the comparator are switched such that the lower plus level is
always compared with the level of the minus input. As soon as the voltage of the rising
sawtooth edge exceeds the lower of the two plus levels, both outputs are disabled via
the pulse turn-OFF flipflop. The period during which the respective, active output is low
can be infinitely varied. As the frequency remains constant, this process corresponds to
a change in duty cycle.
Operational Amplifier K1 (TDA 4716 C)
The op amp K1 is a high-quality amplifier. Fluctuations in the output voltage of the power
supply are amplified by K1 and applied to the free positive input of comparator K2.
Variations in output voltage are, in this way, converted to a corresponding change in
output duty cycle. K1 has a common-mode input voltage range between 0 V and + 5 V.


유사한 부품 번호 - TDA4714C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4718 SIEMENS-TDA4718 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4718A SIEMENS-TDA4718A Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
More results

유사한 설명 - TDA4714C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4700 SIEMENS-TDA4700 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
Digital Switched-Mode Power Supply (SMPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com