전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4714C 데이터시트(PDF) 11 Page - Siemens Semiconductor Group

부품명 TDA4714C
상세설명  IC for Switched-Mode Power Supplies (SMPS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4714C 데이터시트(HTML) 11 Page - Siemens Semiconductor Group

Back Button TDA4714C Datasheet HTML 7Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 8Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 9Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 10Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 11Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 12Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 13Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 14Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TDA 4714 C
TDA 4716 C
Semiconductor Group
11
Ramp Generator
Frequency range
Maximum voltage at
C
R
Minimum voltage at
C
R
Input current through
R
R
Current transformation ratio
f
RG
V
H
V
L
I
RR
I
RR/ICR
40
0
5.5
1.8
1/4
100
400
kHz
V
V
µA
Comparator K2
Input current
Turn-OFF delay time1)
Input voltage
Duty cycle
D = 0
D = max
Common-mode input voltage range
I
K2
t
D OFF
V
IK2
V
IC
0
1.8
5
2
500
5.5
µA
ns
V
V
V
Soft Start K3, K4
Charge current for
C
soft start
Discharge current for
C
soft start
Upper limiting voltage
Switching voltage K4
I
ch
I
dch
V
lim
V
K4
6
2
5
1.5
µA
µA
V
V
Operational Amplifier (TDA 4716 C)
Open-loop voltage gain
Input offset voltage
Temperature coefficient of
V
IO
Input current
Common-mode input voltage range
Output current
Rise time of output voltage
Transition frequency
Phase of
f
T
Output voltage
– 3 mA <
I < 1.5 mA
G
V0
V
IO
TC
I
I
V
IC
I
Q
V/∆t
f
T
ϕ
T
V
Q H/L
60
–10
–30
0
–3
1.5
80
1
3
120
10
30
2
5
1.5
5.5
dB
mV
µV/K
µA
V
mA
V/
µs
MHz
degr.
V
1)
At the input: step function
∆V = – 100 mV
∆V = + 100 mV
Characteristics (cont’d)
11 V <
V
S <30V; –25 °C< TA <85 °C
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.


유사한 부품 번호 - TDA4714C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4718 SIEMENS-TDA4718 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4718A SIEMENS-TDA4718A Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
More results

유사한 설명 - TDA4714C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4700 SIEMENS-TDA4700 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
Digital Switched-Mode Power Supply (SMPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com