전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4714C 데이터시트(PDF) 12 Page - Siemens Semiconductor Group

부품명 TDA4714C
상세설명  IC for Switched-Mode Power Supplies (SMPS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4714C 데이터시트(HTML) 12 Page - Siemens Semiconductor Group

Back Button TDA4714C Datasheet HTML 8Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 9Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 10Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 11Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 12Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 13Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 14Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 15Page - Siemens Semiconductor Group TDA4714C Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TDA 4714 C
TDA 4716 C
Semiconductor Group
12
Output Stages Q1, Q2
Output voltage
I
Q = 20 mA
Output leakage current
V
QH = 30 V
V
QH
V
QL
I
Q
30
1.1
2
V
V
µA
Dynamic Current
Limitation K7
Common-mode input voltage range
Input offset voltage
Input current
Turn-OFF delay time2)
Error detection time2)
V
IC
V
IO
I
I
t
D OFF
t
0
–10
250
50
4
10
2
V
mV
µA
ns
ns
Overvoltage K5
Switching voltage
Input current
Turn-OFF delay time1)
Error detection time1)
V
I
I
t
D OFF
t
V
REF – 0.03
250
V
REF + 0.03
2
V
µA
ns
ns
Supply Undervoltage
Turn-ON threshold for
V
S, rising
Turn-ON threshold
for
V
S, rising (0 °C < TA <70 °C)
Turn-OFF threshold for
V
S, falling
Turn-ON threshold
for
V
S, falling (0 °C < TA <70 °C)
V
S
V
S
V
S
V
S
8.8
8.5
11
10.5
10.5
10
V
V
V
V
1)
At the input: step function
V
REF = – 100 mV
V
REF = + 100 mV
2)
At the input: step function
∆V = – 100 mV
∆V = + 100 mV
Characteristics (cont’d)
11 V <
V
S <30V; –25 °C< TA <85 °C
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.


유사한 부품 번호 - TDA4714C

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4718 SIEMENS-TDA4718 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4718A SIEMENS-TDA4718A Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
More results

유사한 설명 - TDA4714C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4700 SIEMENS-TDA4700 Datasheet
436Kb / 21P
Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
Digital Switched-Mode Power Supply (SMPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com