전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9230 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 Q67000-A9230
상세설명  SMPS-IC with MOSFET Driver Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9230 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67000-A9230 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TDA 4916 GG
Semiconductor Group
7
05.96
Operational Amplifier OP
Opamp OP is a high-quality operational amplifier. It can be used in the control circuit to
transfer the variations in the voltage to be regulated in amplified form to the free plus
input of comparator K1. As a result, a voltage change is converted into a duty factor
change. The output of OP is an open collector. The frequency response of OP is already
corrected. The plus input is connected internally via a capacitor to ground. This gives the
inverting amplifier a more favorable phase response.
Turn-OFF Flip-Flop AFF
A pulse is fed to the set input of the turn-OFF Flip-Flop with the falling edge of the
frequency generator signal. However, it can only really be set if no reset signal is applied.
With a set turn-OFF Flip-Flop, the output is enabled and can be active. The Flip-Flop
inhibits the output in the event of a turn-OFF signal from K1, K5, K6 or K7.
Fault Flip-Flop
Fault signals fed to the reset input of the fault Flip-Flop cause the output to be
immediately disabled (Low), and to be turned on again via the soft start
C
SS after
removing fault-condition.
Soft Start
C
SS
The smaller of the two voltages at the plus inputs of K1 - compared with the ramp
generator voltage - is a measure of the duty factor at the output. At the instant the device
is turned-ON, the voltage on capacitor
C
SS equals zero. Provided no fault exists, the
capacitor is charged up to its maximum value.
C
SS is discharged in the event of a fault. However, the fault Flip-Flop inhibits the output
immediately. Below a charging voltage of approx. 1.5 V, a set signal is applied to the fault
Flip-Flop and the output is enabled, provided a reset signal is not applied
simultaneously. However, since the minimum ramp generator voltage is about 1.8 V, the
duty factor at the output is not actually slowly and continuously increased until the
voltage on
C
SS exceeds a value of 1.8 V.
The Z-diode limits the voltage on capacitor
C
SS. The voltage at the ramp generator can
reach a higher level than the Zener voltage. With a suitable ramp generator rising edge
slope, the duty factor can be limited to a wanted maximum value.
Pulse Omission PO
In the event of overcurrent in the SIPMOS transistors it is frequently necessary to omit
pulses even with minimum duty factor. Only this measure ensures that the SIPMOS
transistors cannot be overloaded. This wanted function can be achieved with Pulse
Omission PO and Overcurrent Comparator K7 by means of a suitable external circuit.


유사한 부품 번호 - Q67000-A9230

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67000-A9230 INFINEON-Q67000-A9230 Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
More results

유사한 설명 - Q67000-A9230

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
   MOSFET Driver IC with Over-Voltage Protection
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com