전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67000-A9230 데이터시트(PDF) 9 Page - Siemens Semiconductor Group

부품명 Q67000-A9230
상세설명  SMPS-IC with MOSFET Driver Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9230 데이터시트(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67000-A9230 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TDA 4916 GG
Semiconductor Group
9
05.96
When the supply to the switch-mode power supply is switched on, the capacitive
displacement current from the gate of the SIPMOS transistor is conducted to the
smoothing capacitor at
V
S QSIP by the diode connected to VS QSIP. The voltage at
V
S QSIP may reach about 2.3 V in the process without the SIPMOS transistor being
turned-ON.
The diode connected to ground clamps negative voltages at Q SIP to minus 0.7 V.
Capacitive currents which occur with voltage dips at the drain terminal of the SIPMOS
transistor can then flow away unimpeded.
The output is active Low with supply voltages at
V
S and VS QSIP from about 4 V on. The
function of the diode connected to
V
S QSIP and the resistor are then taken over by the
pull-down source.
The two ground terminals 0V SQIP and 0V GND can lie at different levels. This permits
connections to be made to the SIPMOS transistor in such a way that the drive currents
for the gate do not flow to the source via the current-sensing resistor. The maximum
permissible level differences between 0V GND and 0V SQIP are given under Functional
Range. If greater level differences are anticipated, it is better to join the two terminals.


유사한 부품 번호 - Q67000-A9230

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67000-A9230 INFINEON-Q67000-A9230 Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
More results

유사한 설명 - Q67000-A9230

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
   MOSFET Driver IC with Over-Voltage Protection
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
   Single-channel Driver IC with Driver IC with Monitoring
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com