![]() |
전자부품 데이터시트 검색엔진 |
|
Q67000-A9230 데이터시트(PDF) 10 Page - Siemens Semiconductor Group |
|
|
Q67000-A9230 데이터시트(HTML) 10 Page - Siemens Semiconductor Group |
10 / 27 page ![]() TDA 4916 GG Semiconductor Group 10 05.96 Absolute Maximum Ratings T A = – 40 to 85 °C Parameter Symbol Limit Values Unit Test Condition min. max. Supply voltage; V S,VS QSIP I OP, I K1, I K3, I K4, I K5, I K6, I SYN Q SYN V S,VVS QSIP V I V I SYN I I SYN V Q SYN – 0.3 – 0.3 0 –3 – 0.3 17 17 5 3 5 V V V mA V V I SYN > 5 V or V I SYN < 0 V Frequency Generator; C T, RT V CT, RT I CT, RT – 0.3 0 5 3 V mA V CT > 5 V Ramp Generator; C R V CR I CR – 0.3 0 V CRH 3 V mA V CRH (see charact.) V CR > VCRH Reference voltage; V REF V REF I REF – 0.3 –10 6 10 V mA V REF > 6 V or V REF < – 0.3 V Output Opamp; Q OP Inhibited Conducting V QOP I QOP – 0.3 0 17 5 V mA Output Overcurrent Turn-OFF; QK6 Inhibited Conducting V QK6 I QK6 – 0.3 0 17 5 V mA Driver output; Q SIP V Q SIP – 0.3 V S V 1) Q SIP clamping diodes I Q SIP –10 10 mA V Q SIP > VS or V Q SIP < – 0.3 V Soft start; C SS V CSS I CSS – 0.3 0 V SSH 100 V µA V SSH (see charact.) V SS > VSSH Pulse omission; PO V PO I PO – 0.3 0 V POH 3 V mA V POH (see charact.) V PO > VPOH Series feed; SF V SF – 0.3 17 V Junction temperature T j – 65 150 °C Storage temperature T s – 65 150 °C Thermal resistance system - ambient R th S/A 60 K/W The values refer to the two connected ground terminals. 1) Important: observe max. power loss or junction temperature. |
유사한 부품 번호 - Q67000-A9230 |
|
유사한 설명 - Q67000-A9230 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |