전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1163M 데이터시트(PDF) 12 Page - Sony Corporation

부품명 CXA1163M
상세설명  DOLBY B TYPE NOISE REDUCTION SYSTEM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1163M 데이터시트(HTML) 12 Page - Sony Corporation

Back Button CXA1163M Datasheet HTML 7Page - Sony Corporation CXA1163M Datasheet HTML 8Page - Sony Corporation CXA1163M Datasheet HTML 9Page - Sony Corporation CXA1163M Datasheet HTML 10Page - Sony Corporation CXA1163M Datasheet HTML 11Page - Sony Corporation CXA1163M Datasheet HTML 12Page - Sony Corporation CXA1163M Datasheet HTML 13Page - Sony Corporation CXA1163M Datasheet HTML 14Page - Sony Corporation CXA1163M Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
– 12 –
CXA1100/CXA1101/CXA1102/CXA1163
4) MPX filter termination and C1 for Vcc/2 (Pin 4)
The MPX (multiplex) filter termination method shown in Fig. a-3 allows saving the coupling capacitors
between the buffer amplifiers and MPX filters. However, the channel to channel separation and REC to PB
crosstalk of low frequency signals will be degraded by the termination resistor RT. For example, 5k
Ω of R1
will degrade the channel to channel separation to 50dB. Better separation can be obtained by increasing
the capacitance of C1 (Pin 4) to 220µF or 470µF.
The allowable minimum value of C1 is 47µF, and 100µF is the standard recommended value. Larger values
of C1 are generally desirable in order to improve the crosstalk and ripple rejection ratio.
5) Application for dubbing cassette decks
The CXA1100 series generates non decoded signal at the recoding output in the decode mode, and can
simplify the structure of dubbing decks. See the SONY' Dolby B/C type IC (CX20187/CXA1097Q or
CX20188/CXA1098Q) data sheet in detail.
Fig. a-3.
Switchable Processor with Single Supply
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.
Note 2) When resistors RT are connected to Pin 4 for the MPX filter termination, increase the capacitances of
C1 and C11 (C21) to 470µF and 4.7µF respectively.
2
3
13
14
15
4
1
16
C1
470µ
RT
RT
MPX
Filter
MPX
Filter
MPX
Filter
Buffer
MPX
Filter
MPX
Filter
MPX
Filter
Buffer
C11
4.7µ
C21
4.7µ
Line
Input
Line
Input
CXA1100 Series
3
4
5
6
7
8
10
11
12
14
15
1
C21
C22
NR
ON/OFF
ON
OFF
C24
4.7µ
LINE OUT
C23 (10%)
0.68µ
C14
4.7µ
LINE OUT
C13 (10%)
0.68µ
R1
(12
%)
43k
C3
10µ
C12
C11
PB IN
(–30dBm)
PB IN
(–30dBm)
REC IN
(–30dBm)
VCC
2
C2
100µ
C1
100µ
REC/PB
R2
10k
13
REC
PB
16
REC IN
(–30dBm)
C25
4.7µ
REC OUT
(–10dBm)
C15
4.7µ
REC OUT
RT
RT
9


유사한 부품 번호 - CXA1163M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1166 SONY-CXA1166 Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
More results

유사한 설명 - CXA1163M

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
Dolby B-C Type Noise Reduction System
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
DOLBY B-C TYPE NOISE REDUCTION
logo
Sony Corporation
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com