전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1163M 데이터시트(PDF) 13 Page - Sony Corporation

부품명 CXA1163M
상세설명  DOLBY B TYPE NOISE REDUCTION SYSTEM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1163M 데이터시트(HTML) 13 Page - Sony Corporation

Back Button CXA1163M Datasheet HTML 7Page - Sony Corporation CXA1163M Datasheet HTML 8Page - Sony Corporation CXA1163M Datasheet HTML 9Page - Sony Corporation CXA1163M Datasheet HTML 10Page - Sony Corporation CXA1163M Datasheet HTML 11Page - Sony Corporation CXA1163M Datasheet HTML 12Page - Sony Corporation CXA1163M Datasheet HTML 13Page - Sony Corporation CXA1163M Datasheet HTML 14Page - Sony Corporation CXA1163M Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
– 13 –
CXA1100/CXA1101/CXA1102/CXA1163
Switchable Processor with Split Supply
Playback Processor with AUX input
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
C21
C22
NR
ON/OFF
ON
OFF
C25
4.7µ
C24
4.7µ
REC OUT
(–10dBm)
LINE OUT
C23 (10%)
0.68µ
C15
4.7µ
C14
4.7µ
REC OUT
(–10dBm)
LINE OUT
C13 (10%)
0.68µ
R1
(12
%)
43k
C3
10µ
REC/PB
PB
REC
R2
10k
C12
C1
100µ
C11
C2
100µ
PB IN
(–30dBm)
REC IN
(–30dBm)
VEE
PB IN
(–30dBm)
REC IN
(–30dBm)
VCC
3
4
5
6
7
8
9
10
11
12
14
15
1
C21
C22
NR
ON/OFF
ON
OFF
C24
4.7µ
LINE OUT
C13 (10%)
0.68µ
C14
4.7µ
LINE OUT
C13 (10%)
0.68µ
R1
(2%)
43k
C3
10µ
C12
C11
TAPE IN
(–30dBm)
TAPE IN
(–30dBm)
AUX IN
(–30dBm)
VCC
2
C2
100µ
C1
100µ
TAPE/AUX
R2
10k
13
AUX
TAPE
16
AUX IN
(–30dBm)
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.
Note 2) When AUX inputs are not necessary, reject R2, C3, C11, C21 and TAPE/AUX switch, and connect Pin 12
to Vcc.
Note 1) Resistor and capacitor tolerances are ±10% and ±20% respectively unless otherwise specified.


유사한 부품 번호 - CXA1163M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1166 SONY-CXA1166 Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
More results

유사한 설명 - CXA1163M

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
Dolby B-C Type Noise Reduction System
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
DOLBY B-C TYPE NOISE REDUCTION
logo
Sony Corporation
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com