전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1163M 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA1163M
상세설명  DOLBY B TYPE NOISE REDUCTION SYSTEM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1163M 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA1163M Datasheet HTML 4Page - Sony Corporation CXA1163M Datasheet HTML 5Page - Sony Corporation CXA1163M Datasheet HTML 6Page - Sony Corporation CXA1163M Datasheet HTML 7Page - Sony Corporation CXA1163M Datasheet HTML 8Page - Sony Corporation CXA1163M Datasheet HTML 9Page - Sony Corporation CXA1163M Datasheet HTML 10Page - Sony Corporation CXA1163M Datasheet HTML 11Page - Sony Corporation CXA1163M Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
– 8 –
CXA1100/CXA1101/CXA1102/CXA1163
NR off Tot al Harrmonic Dist ort ion-1
(CX A1101)
Output Level [dB]
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
VCC = 12V
0dB = Dolby Level
f = 100Hz
f = 1kHz
f = 10kHz
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
0dB = Dolby Level
f = 1kHz
VCC = 15V
VCC = 12V
VCC = 8.5V
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
0dB = Dolby Level
f = 1kHz
VCC = 15V
VCC = 12V
VCC = 8.5V
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
0dB = Dolby Level
f = 1kHz
VCC = 15V
VCC = 11.5V
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
0dB = Dolby Level
f = 1kHz
VCC = 15V
VCC = 11.5V
–8
0.01
0.02
0.05
0.1
0.2
0.5
1.0
16
–4
0
4
8
12
Encode Mode
VCC = 12V
0dB = Dolby Level
f = 100Hz
f = 1kHz
f = 10kHz
NR onTot al Harrmonic Dist ort ion-1
(CX A1101)
NR off Tot al Harrmonic Dist ort ion-2
(CX A1100)
NR onTot al Harrmonic Dist ort ion-2
(CX A1100)
NR onTot al Harrmonic Dist ort ion-3
(CX A1101)
NR off Tot al Harrmonic Dist ort ion-3
(CX A1101)
Output Level [dB]
Output Level [dB]
Output Level [dB]
Output Level [dB]
Output Level [dB]


유사한 부품 번호 - CXA1163M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
CXA1166 SONY-CXA1166 Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
8-bit 250 MSPS Flash A/D Converter
More results

유사한 설명 - CXA1163M

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
Dolby B-C Type Noise Reduction System
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
DOLBY B-C TYPE NOISE REDUCTION
logo
Sony Corporation
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com