| 전자부품 데이터시트 검색엔진 |
|
CXA1163M 데이터시트(PDF) 10 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXA1163M 데이터시트(HTML) 10 Page - Sony Corporation |
|
10 / 15 page ![]() – 10 – CXA1100/CXA1101/CXA1102/CXA1163 Ripple Rejection Ratio-2 (CXA1101) Frequency [Hz] 10k –70 5k 2k 1k 500 200 100 –10 –20 –30 –40 –50 –60 Decode Mode VCC = 12V Single Supply C1 (Pin4) = 100µF C1 (Pin4) = 470µF NR on NR off Ripple Rejection Ratio-4 (CXA1101) Frequency [Hz] 10k –60 5k 2k 1k 500 200 100 0 –10 –20 –30 –40 –50 VEE Rejection VCC, VEE = ±6V Encode Decode NR off NR on Ripple Rejection Ratio-1 (CXA1101) Frequency [Hz] 10k –70 Encode Mode VCC = 12V Single Supply 5k 2k 1k 500 200 100 –10 –20 –30 –40 –50 –60 C1 (Pin4) = 100µF C1 (Pin4) = 470µF NR on NR off Ripple Rejection Ratio-3 (CXA1101) Frequency [Hz] 10k –70 VCC Rejection VCC, VEE = ±6V 5k 2k 1k 500 200 100 –10 –20 –30 –40 –50 –60 Encode Decode NR off NR on Notes on Applications 1) Power supply The CXA1100 Series is basically designed to operate on single ended supply. The split supply operation is also possible, however, VEE (negative) supply should provide low noise and ripple characteristics. The ripple rejection ratio of these devices is generally good for Vcc supply (single ended supply and split supply), however, that for VEE supply is not so good in the NR on mode because the integrated capacitors for the side chain filter are connected to pin 15 (VEE on split supply). |
유사한 부품 번호 - CXA1163M |
|
유사한 설명 - CXA1163M |
|
|
|
링크 URL |
| 개인정보취급방침 |
| ALLDATASHEET.CO.KR |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |