전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3025N 데이터시트(PDF) 3 Page - Sony Corporation

부품명 CXA3025N
상세설명  All Band TV Tuner IC (VHF-CATV-UHF)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3025N 데이터시트(HTML) 3 Page - Sony Corporation

  CXA3025N Datasheet HTML 1Page - Sony Corporation CXA3025N Datasheet HTML 2Page - Sony Corporation CXA3025N Datasheet HTML 3Page - Sony Corporation CXA3025N Datasheet HTML 4Page - Sony Corporation CXA3025N Datasheet HTML 5Page - Sony Corporation CXA3025N Datasheet HTML 6Page - Sony Corporation CXA3025N Datasheet HTML 7Page - Sony Corporation CXA3025N Datasheet HTML 8Page - Sony Corporation CXA3025N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
CXA3025N
UHF oscillators.
GNDs.
5.8
5.7
0
3.0
Under VHF
operation : 4.5
Under UHF
operation : 4.5
3.5
3.3
3.0
2.5
3.0
2.5
3.5
3.3
0
UOSCB1
UOSCE1
UOSCE2
UOSCB2
16
17
20
21
GND
6, 7
18 19
PLL IC oscillator output.
PLLOUT
22
Band switching. UHF operation
when 3V or more voltage is
applied externally, and VHF
operation when OPEN or 0.5V
or less voltage is applied.
BANDSW
23
IF output.
IFOUT
24
16
17
20
21
VCC
3.2k
3
22
30
VCC
900
1.6k
20k
23
3
VCC
47
3
24
Pin
No.
Symbol
Pin voltage
typ. (V)
Equivalent circuit
Description


유사한 부품 번호 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

유사한 설명 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com