전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3025N 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA3025N
상세설명  All Band TV Tuner IC (VHF-CATV-UHF)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3025N 데이터시트(HTML) 5 Page - Sony Corporation

  CXA3025N Datasheet HTML 1Page - Sony Corporation CXA3025N Datasheet HTML 2Page - Sony Corporation CXA3025N Datasheet HTML 3Page - Sony Corporation CXA3025N Datasheet HTML 4Page - Sony Corporation CXA3025N Datasheet HTML 5Page - Sony Corporation CXA3025N Datasheet HTML 6Page - Sony Corporation CXA3025N Datasheet HTML 7Page - Sony Corporation CXA3025N Datasheet HTML 8Page - Sony Corporation CXA3025N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– 5 –
CXA3025N
Electrical Characteristics Measurement Circuit
47k
22
1p (UK)
1T362 16p
1T363
68p (RH)
0.5
φ
3.2
φ
2.5t
47k
0.5p (UK)
47k
1n
1n
0.5
φ
3.2
φ
5.5t
51
51
3.3k
1n
VL
VH
+9V
47k
47k
100
1n
15µ
VC
PLL OUT
+9V
47k
1T363
0.5p (UK)
14p
2p
0.5
φ 2.6φ 1.5t
4p
56p
4p
56p
1n
3.3k
10k
1n
1n
IF OUT
BAND SW
ON: UHF
OFF: VHF
1n
51p
4.7µ
VHF IN
UHF IN
1n
1n
1n
51p
1n
+9V
L1
Inductance constant
L without indication is an air-core coil of 0.5mm diameter.
CXA3025N
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
7
8
9
10
11
12
1
VL/VH SW


유사한 부품 번호 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

유사한 설명 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com