전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3025N 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA3025N
상세설명  All Band TV Tuner IC (VHF-CATV-UHF)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3025N 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA3025N Datasheet HTML 3Page - Sony Corporation CXA3025N Datasheet HTML 4Page - Sony Corporation CXA3025N Datasheet HTML 5Page - Sony Corporation CXA3025N Datasheet HTML 6Page - Sony Corporation CXA3025N Datasheet HTML 7Page - Sony Corporation CXA3025N Datasheet HTML 8Page - Sony Corporation CXA3025N Datasheet HTML 9Page - Sony Corporation CXA3025N Datasheet HTML 10Page - Sony Corporation CXA3025N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– 7 –
CXA3025N
Description of Operation (See Electrical Characteristics Measurement Circuit.)
VHF oscillator circuit
This is a differential amplifier type oscillator circuit with an output at Pin 15 and an input at Pin 13.
Connect an LC resonance circuit comprising a varicap diode to Pin 15 through a coupling capacitor, and input
the positive feedback from this resonance circuit to Pin 13 through a feedback capacitor to execute oscillation.
Note that if the capacitance across Pins 13 and 15 is too large, positive feedback may be applied via a
parasitic capacitance causing undesired stray oscillation. The resistance connected to Pin 13 is for preventing
parasitic oscillation, and is inserted to ensure stable oscillation.
VHF mixer circuit
The mixer circuit adopts a common emitter type double-balanced mixer with little leakage of the local
oscillation signal. The RF signal is input to Pins 8 and 9. During normal use, the RF signal is input to one pin
while the other pin is connected to GND. The RF signal is converted to IF frequency by the signal supplied
from the oscillator and then output to Pins 4 and 5.
UHF oscillator circuit
The UHF oscillator is formed from two collector-grounded Colpitts oscillators, and oscillation is provided at the
differential input through an LC resonance circuit comprising a varicap diode. An LC resonance circuit
comprising a varicap diode is connected across Pins 16, 17, 20 and 21.
UHF mixer circuit
Like the VHF mixer, the UHF mixer adopts a double-balanced mixer. The RF signal is input to Pins 11 and 12.
There is a balanced input at the differential from both edges of the secondary coil of the pre-stage double tune
circuit, or an unbalanced input to Pin 11 with a capacitor connected at Pin 12 to GND. Otherwise, the
conditions and usage are the same as those for the VHF mixer circuit.
IF amplifier circuit
The signal frequency converted by the mixer is output from Pins 4 and 5, and input to IF input pins 1 and 2
through an external IF tune circuit. For the IF tune circuit, a single tune circuit like the electrical characteristics
measurement circuit or a double tune circuit can be connected. The signal amplified by the IF amplifier is
output from Pin 24. The output impedance is approximately 75
Ω.
Also, the input block of the IF amplifier has a built-in coupling capacitor, and direct connection with the mixer
output is possible.
U/V switch circuit
UHF operation is chosen by applying voltage of 3V or more to Pin 23; VHF operation for 0V or OPEN.
PLL oscillator signal output circuit
The oscillation signal is output to Pin 22 (PLLOUT) through a buffer amplifier. The resistance connected to the
output pin is used to adjust the current flowing to the buffer amplifier. The resistance value is adjusted
depending on the connected load, and output distortion can be minimized.
Notes on Operation
Care should be taken for grounding, etc. when placing external parts as high operating frequencies are
present. In addition, since the GND pins (Pins 6, 7, 18 and 19) also serve as heat dissipation pins, care should
be taken to prevent heat problems.
Care should also be taken to prevent electrostatic damage to high frequency I/O pins.


유사한 부품 번호 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

유사한 설명 - CXA3025N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com