전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3125N 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXA3125N
상세설명  All Band TV Tuner IC (VHF-CATV-UHF)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3125N 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXA3125N Datasheet HTML 2Page - Sony Corporation CXA3125N Datasheet HTML 3Page - Sony Corporation CXA3125N Datasheet HTML 4Page - Sony Corporation CXA3125N Datasheet HTML 5Page - Sony Corporation CXA3125N Datasheet HTML 6Page - Sony Corporation CXA3125N Datasheet HTML 7Page - Sony Corporation CXA3125N Datasheet HTML 8Page - Sony Corporation CXA3125N Datasheet HTML 9Page - Sony Corporation CXA3125N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
—6—
CXA3125N
Electrical Characteristics Measurement Circuit 1 (asymmetrical output)
CXA3125N
IF OUT
1n
1n
56p
10k
56p
47k
47k
8p
1T363
2.6
φ2.5t
0.5p
0.5p
1T363
47k
BAND SW
ON : UHF
OFF : VHF
+5V
1p (UK)
47k
47k
1T362
16p
20
0.5p (UK)
1T363
47k
68p (RH)
3.2
φ
2.5t
1n
47k
51
3.2
φ
6.5t
51
VL
VH
1n
1n
1.2k
1n
3.3µ
Vt
+5V
2k
L1
56p
56p
100
1n
1n
3.3µ
+5V
1n
1n
1n
1n
VHF IN
UHF IN
1
2
6
7
8
3
4
5
15
14
12
11
10
9
16
13
1n
L1 is a pentagonal coil 4.5 t/4.5 t
L without indication is an air-core coil of 0.5 mm diameter.
These components value are the setting for USA frequency variation range.


유사한 부품 번호 - CXA3125N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

유사한 설명 - CXA3125N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com