전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3125N 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA3125N
상세설명  All Band TV Tuner IC (VHF-CATV-UHF)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3125N 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA3125N Datasheet HTML 4Page - Sony Corporation CXA3125N Datasheet HTML 5Page - Sony Corporation CXA3125N Datasheet HTML 6Page - Sony Corporation CXA3125N Datasheet HTML 7Page - Sony Corporation CXA3125N Datasheet HTML 8Page - Sony Corporation CXA3125N Datasheet HTML 9Page - Sony Corporation CXA3125N Datasheet HTML 10Page - Sony Corporation CXA3125N Datasheet HTML 11Page - Sony Corporation CXA3125N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
—8—
CXA3125N
Description of Operation
(See the Electrical Characteristics Measurement Circuit.)
VHF oscillator circuit
This circuit is a differential amplifier type oscillator circuit. Pin 11 is the output and Pin 9 is the input.
Oscillation is performed by connecting an LC resonance circuit including a varicap to Pin 11 via coupled
capacitance, inputting to Pin 9 with feedback capacitance, and applying positive feedback.
Note that if the capacitance across Pins 9 and 11 is too large, positive feedback may be applied via a
parasitic capacitance causing undesired stray oscillation.
VHF mixer circuit
The mixer circuit employs a double symmetrical mixer with little local oscillation signal leakage. The RF
signal is input to Pins 6 and 7. During normal use, the RF signal is input to one pin while the other pin is
connected to GND. The RF signal is converted to IF frequency by the signal supplied from the oscillator and
then output to Pins 2 and 3. Pins 2 and 3 are open collectors, so power must be supplied externally.
Connect to VCC through L which configures external filter or resistor. The electric potential of Pins 2 and 3 at
this time must be DC 4.0 V or more.
UHF oscillator circuit
This oscillator circuit is designed so that two collector ground type Colpitts oscillators perform differential
oscillation operation via an LC resonance circuit including a varicap. Feedback capacitance is built into IC,
and an LC resonance circuit including a varicap is connected between Pins 12 and 14 via coupled
capacitance.
UHF mixer circuit
This circuit employs a double symmetrical mixer like the VHF mixer circuit. The RF signal is input to Pins 7
and 8. There is a symmetrical input at the differential from both edges of the secondary coil of the pre-stage
double-tuned circuits, or an asymmetrical input to Pin 7 with a capacitor connected at Pin 8 to GND.
Otherwise, the conditions and usage are the same as those for the VHF mixer circuit.
IF amplifier circuit
The signals frequency converted by the mixer are output from Pins 2 and 3, and at the same time are AC
coupled inside the IC and input to the IF amplifier. Single-tuned filters are connected to Pins 2 and 3 in order
to improve the interference characteristics of the IF amplifier.
The signal amplified by the IF amplifier is output with symmetrical or asymmetrical output format. Selecting
symmetrical or asymmetrical is performed at Pin 10. Asymmetrical output when Pin 10 is for open state;
symmetrical output when connected to GND. During symmetrical output, SAW filter direct connection is
possible and during asymmetrical output, output stage drive capability is increased to drive 75
Ω load.
During asymmetrical output, output is performed from Pin 16, and during symmetrical output, output is
performed from Pins 15 and 16. The output impedance is approximately 35
Ω for symmetrical output; 30 Ω
for asymmetrical output. When asymmetrical output is selected, connect Pin 10 to GND through capacitor.
U/V switch circuit
UHF operation is chosen by applying voltage of 3 V or more to Pin 13 VHF operation for 0 V or open.


유사한 부품 번호 - CXA3125N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
PLL IC for LCD Monitor/Projector
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
IF Amplifier for M-ary FSK Pagers
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

유사한 설명 - CXA3125N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com