전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC56XL60/54 데이터시트(PDF) 111 Page - STMicroelectronics

부품명 SPC56XL60/54
상세설명  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56XL60/54 데이터시트(HTML) 111 Page - STMicroelectronics

Back Button SPC56XL60/54 Datasheet HTML 107Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 108Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 109Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 110Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 111Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 112Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 113Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 114Page - STMicroelectronics SPC56XL60/54 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 160 page
background image
SPC56XL60/54
Electrical characteristics
Doc ID 15457 Rev 8
111/160
3.11
Temperature sensor electrical characteristics
3.12
Main oscillator electrical characteristics
The device provides an oscillator/resonator driver. Figure 6 describes a simple model of the
internal oscillator driver and provides an example of a connection for an oscillator or a
resonator.
Figure 6.
Crystal oscillator and resonator connection scheme
Note:
XTAL/EXTAL must not be directly used to drive external circuits.
4.
This value is the total current for both ADCs.
5.
VFLASH is only available in the calibration package.
Table 22.
Temperature sensor electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
—
P
Accuracy
TJ = –40 °C to 150 °C
–10
10
°C
TS
D
Minimum sampling period
—
4
—
µs
CL
CL
XTAL
EXTAL
RP
XTAL
EXTAL
DEVICE
DEVICE
DEVICE
XTAL
EXTAL
I
R
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More