| 전자부품 데이터시트 검색엔진 |
|
DM51155 데이터시트(PDF) 254 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51155 데이터시트(HTML) 254 Page - ITT Industries |
|
254 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — European High Power 90 ° — Receptacle Mounting Hole 63,50 (2.500) REAR FLANGE REF 10,90 (.429) 11,94 (.470) High Power Contact 3,81 (.150) 10,16 (.400) 22,86 (.900) 15,24 (.600) 16,51(.650) 8,89 (.350) 2,54 (.100) 22,86 (.900) 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 63,50 (2.500) 24,84 (.978) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 4,37 (.172) 11,10 (.437) 22,56 (.888) 15,82 (.623) 9,09 (.358) 2,36 (.093) High Power Contact 11,94 (.470) 5,54(.218) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 15,70 (.618) 8,71 (.343) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 15,70 (.618) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 17,96 (.707) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X High Power (P) 3,28 (.129) 253 |