| 전자부품 데이터시트 검색엔진 |
|
DAMM15SD 데이터시트(PDF) 104 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SD 데이터시트(HTML) 104 Page - ITT Industries |
|
104 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 103 D Subminiature Commercial Micro D — MDSM SSA External Cable Wiring Table Transfer Impedance Performance Requirements for External SSA Connections Frequency MHz Value (dB-Ohm)(max.) 30 −25 159 −16 500 −10 SSA External Cable Wire Cross Section (For Reference Only) FILLER CONDUCTOR INSULATION INNER SHIELD JACKET OUTER SHIELD Ø 5,72 (.225) Ø 1,57 (.062) P1 1 2 3 4 5 6 7 8 9 P2 1 2 3 4 5 6 7 8 9 External Cable Pinouts P1 P2 Pin Signal Name Pin Signal Name 2 LineOut − 4 LineIn − 6 LineOut + 9 LineIn + 4 LineIn − 2 LineOut − 9 LineIn + 6 LineOut + Note: Pins 1, 3, 5, 7 and 8 are not connected. 8,51 (.335) MAX CONTACT #5 CONTACT #1 CONTACT #9 CONTACT #6 Pinout Note: Shield connected to both shells. |