| 전자부품 데이터시트 검색엔진 |
|
DAMM15SA 데이터시트(PDF) 224 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SA 데이터시트(HTML) 224 Page - ITT Industries |
|
224 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature Reader’s Resource Receptacle Contact Cavity Arrangements — Combo D 3 A1 2 4 1 A2 A3 A1 A2 54 A1 3 21 8 4 5 10 2 A1 3 61 97 2 12 11 14 3 A3 15 10 16 A4 9 17 81 75 4 A1 A2 13 6 22 21 11 10 9 20 8 19 17 7 18 65 16 4 15 13 3 14 21 12 A2 A1 A3 13 25 12 11 10 24 9 22 23 21 87 19 20 65 18 43 17 2 15 16 14 1A1 A2 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 1 2 3 5 4 A2 4 A4 A3 2 1 5 A1 3 A3 6 A1 1 2 10 3 7 4 8 5 A2 9 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 15 9 4 12 11 5 3 6 2 10 1 7 13 A2 8 A1 14 A1 6 5 17 7 4 18 8 3 19 12 9 20 2 10 1 13 16 14 11 15 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 A4 A6 A8 A3 A1 A5 A2 A7 A2 1 3 5 A1 A6 7 2 4 6 A5 A4 A3 A1 43 A5 A4 12 11 A3 10 9 8 6 5 7 2 A2 1 Shell Size Contact Arrangement No. of Size 20 Cavitites No. of Size 8 Cavities C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 10 9 16 A1 43 15 17 A2 2 6 13 A4 14 11 5 81 A3 7 12 A6 A5 A7 9 24 22 16 11 2 29 12 15 13 4 26 27 10 1 28 7 8 A4 3 30 23 A3 31 14 5 32 6 21 A1 25 A2 17 20 19 18 Shell Size Contact Arrangement No. of Size 20 Contacts No. of Size 8 Contacts D 24W7 17 #20 7 #8 D 36W4 32 #20 4 #8 15 27 5 18 29 A1 39 8 19 31 40 7 32 16 41 23 2 3 33 36 35 12 17 21 34 14 6 10 11 20 4 24 22 37 30 9 38 26 13 25 1 28 A2 15 40 29 9 22 38 6 21 37 5 20 36 4 19 35 3 18 2 34 17 1 33 16 32 45 46 28 44 14 26 13 27 25 11 24 12 43 42 10 23 41 7 8 39 31 30 A1 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities D 43W2 41 #20 2 #8 D 47W1 46 #20 1#8 Note: Size 8 Cavities will Accommodate Removable Coaxial, High Power and/or High Voltage Contacts. Face View Socket Insert A 3WK3 0 3 A2 A3 A1 223 |