전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBM25SL 데이터시트(PDF) 215 Page - ITT Industries

부품명 DBM25SL
상세설명  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SL 데이터시트(HTML) 215 Page - ITT Industries

Back Button DBM25SL Datasheet HTML 211Page - ITT Industries DBM25SL Datasheet HTML 212Page - ITT Industries DBM25SL Datasheet HTML 213Page - ITT Industries DBM25SL Datasheet HTML 214Page - ITT Industries DBM25SL Datasheet HTML 215Page - ITT Industries DBM25SL Datasheet HTML 216Page - ITT Industries DBM25SL Datasheet HTML 217Page - ITT Industries DBM25SL Datasheet HTML 218Page - ITT Industries DBM25SL Datasheet HTML 219Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
214
D Subminiature Accessories
Guide Pin Plate
Female
MOUNTING
PANEL
9,60 (.378)
MAX
1,57
(.062)
6,35 (.250) MAX
SOLDER POT
EXTENSION
F
J
F
2X R K
2X Ø 3,66
0,13
(.144
.005)
2X Ø 4,22
± 0,05
(.166
.002)
B
E
D
H
Useful in blind mate applications.
Kit consists of 1 plate, 2 screws
Guide pin inserts for Size 8 cavities for
Combo Dconnectors also available. See
page 95.
Recommended Panel Cutout
Shell
Size
Layout
Part
Number
A
±0,41 (.016)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,13 (.005)
F
±0,13 (.005)
G
±0,41 (.016)
H
±0,41 (.016)
J
±0,41 (.016)
K
±0,41 (.016)
DE
9
DE111920
49,61 (1.953)
40,08 (1.578)
25,00 (.986)
18,65 (.734)
15,27 (.601)
9,52 (.375)
25,40 (1.000)
30,58 (1.204)
12,29 (.484)
6,15 (.242)
DA
15
DA22214
57,96 (2.282)
48,41 (1.906)
33,32 (1.312)
22,81 (.898)
19,43 (.765)
9,52 (.375)
25,40 (1.000)
38,91 (1.532)
12,29 (.484)
6,15 (.242)
DB
25
DB22254
71,63 (2.820)
62,13 (2.446)
47,04 (1.852)
29,67 (1.168)
26,29 (1.035)
9,52 (.375)
25,40 (1.000)
51,21 (2.016)
11,91 (.469)
5,94 (.234)
DC
37
DC22071
88,11 (3.469)
78,59 (3.094)
63,50 (2.500)
37,90 (1.492)
34,52 (1.359)
9,52 (.375)
25,40 (1.000)
67,49 (2.657)
11,91 (.469)
5,94 (.234)
DD
50
DD21961
85,72 (3.375)
76,20 (3.000)
61,11 (2.406)
36,50 (1.437)
33,32 (1.312)
11,10 (.437)
28,58 (1.125)
65,10 (2.563)
14,30 (.563)
7,16 (.282)
Guide Pin Plate
Plate and Hardware Material: Steel
Plate and Hardware Finish:
Yellow Chromate
over Zinc or
Cadmium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More