| 전자부품 데이터시트 검색엔진 |
|
DAMM15SF 데이터시트(PDF) 174 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15SF 데이터시트(HTML) 174 Page - ITT Industries |
|
174 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 173 D Subminiature Space/High Reliability Straight PC Tail Receptacle Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 275. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9SOL3NM* DEMY9SOL3NM* DA 15 DAM15SOL3NM* DAMY15SOL3NM* DB 25 DBM25SOL3NM* DBMY25SOL3NM* DC 37 DCM37SOL3NM* DCMY37SOL3NM* DD 50 DDM50SOL3NM* DDMY50SOL3NM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SOL3NMB For shells with 50 microinches gold, add K52. Example: DEM9SOL3NMK52 For alternate PC tail modifiers (see tabulation), replace OL3 with M or Z. Example: DEM9SZNM PC Tail Modifiers X W Y M 4,01 ± 0,69 (.158 ± .027) 0,76 ± 0,08 (.030 ± .003) Z 4,65 ± 0,69 (.183 ± .027) 0,76 ± 0,08 (.030 ± .003) OL3 4,20 ± 1,10 (.185 ± .043) 0,60 ± 0,08 (.023 ± .003) Dimensions ABC DE F W K L Shell Size ±0,38 (.015) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,38 (.015) ±0,25 (.010) ±0,38 (.015) ±0,318 (.0125) ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Engaging Face DD Configuration A B C 10 ° E D Ø 3,05 (.120) Ø Y X 2,84 (.112) 5,69 (.224) L K 2,84 (.112) F W |