전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV233 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 1SV233
상세설명  PIN Diode for VHF, UHF, AGC Use
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV233 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  1SV233_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SV233_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1SV233
No.3088-1/6
Features
Very small-sized package facilitates high-density mounting and permits 1SV233-applied equipment to
be made smaller
Small interterminal capacitance (C=0.23pF typ)
Small forward series resistance (rs=5
Ω typ)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Allowable Power Dissipation
P
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-004
72512 TKIM/41098HA (KT)/4179MO, TS
SANYO Semiconductors
DATA SHEET
http://semicon.sanyo.com/en/network
Ordering number : EN3088C
1SV233 SiliconEpitaxialType
PIN Diode for VHF, UHF, AGC Use
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : No Contact
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
TB
BV
1SV233-TB-E
3
12


유사한 부품 번호 - 1SV233_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1SV233-TB-E ONSEMI-1SV233-TB-E Datasheet
260Kb / 6P
PIN Diode
September, 2013
More results

유사한 설명 - 1SV233_12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV233 SANYO-1SV233 Datasheet
68Kb / 3P
PIN Diode for VHF, UHF, AGC Use
logo
Guangdong Kexin Industr...
1SV233 KEXIN-1SV233 Datasheet
35Kb / 1P
PIN Diode for VHF,UHF,AGC USE
1SV234 KEXIN-1SV234 Datasheet
36Kb / 1P
PIN Diode for VHF,UHF,AGC USE Applications
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com