전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV263 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 1SV263
상세설명  Pin Diode for VHF, UHF, AGC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV263 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  1SV263_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SV263_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SV263_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SV263_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SV263_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SV263_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SV263
No.4510-3/6
IR -- VR
rs -- IF
rs -- f
Reverse Voltage, VR -- V
Forward Current, IF -- mA
3
5
7
2
0.01
3
5
2
7
3
5
2
7
3
5
2
7
1.0
10
100
2
1k
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
2
30
10
0
0.01
35
7
2
0.1
35
7
2
1.0
10
35
7
2
20
40
50
60
ID00069
1.0
1.0
23
5
7 10
23
5
7 100
1000
22
35
7
Frequency, f -- MHz
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1k
2
3
5
ID00070
ID00071
Ta=25
°C
f=100MHz
IF=10μA
Ta=75
°C
50°
C
25°
C
Ta=25
°C
100
μA
10mA
1mA
5mA


유사한 부품 번호 - 1SV263_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1SV263-TL-E ONSEMI-1SV263-TL-E Datasheet
307Kb / 6P
PIN Diode
September, 2013
More results

유사한 설명 - 1SV263_12

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
Pin Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267_12 Datasheet
359Kb / 6P
PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com