| 전자부품 데이터시트 검색엔진 |
|
41594B 데이터시트(PDF) 219 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B 데이터시트(HTML) 219 Page - Microchip Technology |
|
219 / 372 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41594B-page 219 PIC12LF1840T48A FIGURE 25-9: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 25-10: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSP1IF Interrupt CKE = 0) CKE = 0) Write to SSP1BUF SSP1SR to SSP1BUF SS Flag Optional bit 0 detection active Write Collision Valid SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSP1IF Interrupt CKE = 1) CKE = 1) Write to SSP1BUF SSP1SR to SSP1BUF SS Flag Not Optional Write Collision detection active Valid |