전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

046232112103800 데이터시트(PDF) 1 Page - AVX Corporation

부품명 046232112103800
상세설명  1.0mm Pitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

046232112103800 데이터시트(HTML) 1 Page - AVX Corporation

  046232112103800 Datasheet HTML 1Page - AVX Corporation 046232112103800 Datasheet HTML 2Page - AVX Corporation 046232112103800 Datasheet HTML 3Page - AVX Corporation 046232112103800 Datasheet HTML 4Page - AVX Corporation 046232112103800 Datasheet HTML 5Page - AVX Corporation 046232112103800 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
00:トレー梱包
TRAY PACKAGE
エンボス梱包品:04 6232 1XX 10X 800+
Tape & Reel Package:04 6232 1XX 10X 800+
SERIES
6232 1.0mmピッチ NON-ZIF RA SMT
1.0mmPitch LIF RA SMT
注文コード ORDERING CODE
XX 6232 1XX 10X 800+
極数 NUMBER OF POSITIONS
スズ銅めっき
接点位置 CONTACT POSITION
2 : 下接点 BOTTOM CONTACT
3 : 上接点 TOP CONTACT
Sn-Cu Plated
上接点 Top contact
下接点 Bottom contact
RoHS 対応品
RoHS Compliant Product
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.


유사한 부품 번호 - 046232112103800

제조업체부품명데이터시트상세설명
logo
AVX Corporation
046232112015800 AVX-046232112015800 Datasheet
509Kb / 6P
   1.0mm Pitch
More results

유사한 설명 - 046232112103800

제조업체부품명데이터시트상세설명
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232112015800 AVX-046232112015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232110015800 AVX-046232110015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232114103800 AVX-046232114103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232116103800 AVX-046232116103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232103015800 AVX-046232103015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232103103800 AVX-046232103103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106103800 AVX-046232106103800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232110103800 AVX-046232110103800 Datasheet
509Kb / 6P
   1.0mm Pitch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com