전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA40-700B 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 BTA40-700B
상세설명  40 A standard TRIACs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40-700B 데이터시트(HTML) 3 Page - STMicroelectronics

  BTA40-700B Datasheet HTML 1Page - STMicroelectronics BTA40-700B Datasheet HTML 2Page - STMicroelectronics BTA40-700B Datasheet HTML 3Page - STMicroelectronics BTA40-700B Datasheet HTML 4Page - STMicroelectronics BTA40-700B Datasheet HTML 5Page - STMicroelectronics BTA40-700B Datasheet HTML 6Page - STMicroelectronics BTA40-700B Datasheet HTML 7Page - STMicroelectronics BTA40-700B Datasheet HTML 8Page - STMicroelectronics BTA40-700B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BTA40, BTA41, BTB41
Characteristics
Doc ID 7469 Rev 8
3/9
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
ITM = 60 A
tp = 380 µs
Tj = 25 °C
MAX.
1.55
V
Vt0
(2)
Threshold voltage
Tj = 125 °C
MAX.
0.85
V
Rd
(2)
Dynamic resistance
Tj = 125 °C
MAX.
10
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
5
mA
1.
Minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1
Table 5.
Thermal resistance
Symbol
Test conditions
Value
Unit
Rth(j-c)
Junction to case (AC)
RD91 (insulated) / TOP3 insulated
0.9
°C/W
TOP3
0.6
Rth(j-a)
Junction to ambient
TOP3 / TOP3 insulated
50
°C/W
Figure 1.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
P(W)
I
(A)
T(RMS)
180°
α
α
I
(A)
T(RMS)
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
α=180°
BTA40
BTA41
BTB41
T (°C)
C
Figure 3.
Relative variation of thermal
impedance versus pulse duration
Figure 4.
On-state characteristics (maximum
values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E-03
1.E-02
1.E-01
1.E+00
K=[Z /R
th
th]
t (s)
p
Z
BTA / BTB41
th(j-a)
Zth(j-c)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
400
I
(A)
TM
V
(V)
TM
T = 25°C
j
.
T max.
V = 0.85V
R = 10 m
j
to
d
Ω
T=
j
T max.
j


유사한 부품 번호 - BTA40-700B

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
logo
Inchange Semiconductor ...
BTA40-700B ISC-BTA40-700B Datasheet
208Kb / 2P
   isc Triacs
More results

유사한 설명 - BTA40-700B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com