전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC245N 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74VHC245N
상세설명  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC245N 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74VHC245N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC245N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Noise Characteristics
Note 3: Parameter guaranteed by design.
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLH max  tPLH min|; tOSHL |tPHL max  tPHL min|
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per Bit).
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.9
1.2
V
CL 50 pF
(Note 3)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
0.9
1.2
V
CL 50 pF
(Note 3)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL 50 pF
(Note 3)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL 50 pF
(Note 3)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
5.8
8.4
1.0
10.0
ns
CL 15 pF
tPHL
Time
8.3
11.9
1.0
13.5
CL 50 pF
5.0
r 0.5
4.0
5.5
1.0
6.5
ns
CL 15 pF
5.5
7.5
1.0
8.5
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
8.5
13.2
1.0
15.5
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
11.0
16.7
1.0
19.0
CL 50 pF
5.0
r 0.5
5.8
8.5
1.0
10.0
ns
CL 15 pF
7.3
10.6
1.0
12.0
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
11.5
15.8
1.0
18.0
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
7.0
9.7
1.0
11.0
CL 50 pF
tOSLH
Output to Output
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
Skew
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
(T/R, OE)
CI/O
Output Capacitance
8
pF
VCC 5.0V
CPD
Power Dissipation
21
pF
(Note 5)
Capacitance


유사한 부품 번호 - 74VHC245N

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VHC245N ONSEMI-74VHC245N Datasheet
205Kb / 9P
Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
More results

유사한 설명 - 74VHC245N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
Octal Bidirectional Transceiver with 3-STATE Outputs
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
Octal Bidirectional Transceiver with 3-STATE Outputs
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com