전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 242 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 242 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 238Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 239Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 240Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 241Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 242Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 243Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 244Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 245Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 242
 2009-2012 Microchip Technology Inc.
bit 7-6
DTC<1:0>: Dead-Time Control bits
11 = Dead-Time Compensation mode
10 = Dead-time function is disabled
01 = Negative dead time is actively applied for Complementary Output mode
00 = Positive dead time is actively applied for all output modes
bit 5
DTCP: Dead-Time Compensation Polarity bit(4)
1 = If DTCMPx = 0, PWMxL is shortened and PWMxH is lengthened
If DTCMPx = 1, PWMxH is shortened and PWMxL is lengthened
0 = If DTCMPx = 0, PWMxH is shortened and PWMLx is lengthened
If DTCMPx = 1, PWMxL is shortened and PWMxH is lengthened
bit 4
Unimplemented: Read as ‘0’
bit 3
MTBS: Master Time Base Select bit
1 = PWM generator uses the secondary master time base for synchronization and the clock source for
the PWM generation logic (if secondary time base is available)
0 = PWM generator uses the primary master time base for synchronization and the clock source for
the PWM generation logic
bit 2
CAM: Center-Aligned Mode Enable bit(2,3,5)
1 = Center-Aligned mode is enabled
0 = Edge-Aligned mode is enabled
bit 1
XPRES: External PWM Reset Control bit(6)
1 = Current-limit source resets the time base for this PWM generator if it is in Independent Time
Base mode
0 = External pins do not affect PWM time base
bit 0
IUE: Immediate Update Enable bit
1 = Updates to the active MDC/PDCx/SDCx registers are immediate
0 = Updates to the active PDCx registers are synchronized to the PWM time base
REGISTER 16-11: PWMCONx: PWM CONTROL x REGISTER (CONTINUED)
Note 1: Software must clear the interrupt status here and in the corresponding IFSx bit in the interrupt controller.
2: The Independent Time Base mode (ITB = 1) must be enabled to use Center-Aligned mode. If ITB = 0, the
CAM bit is ignored.
3: These bits should not be changed after the PWM is enabled by setting PTEN (PTCON<15>) = 1.
4: For DTCP to be effective, DTC<1:0> must be set to ‘11’; otherwise, DTCP is ignored.
5: Center-Aligned mode ignores the Least Significant 3 bits of the Duty Cycle, Phase and Dead-Time
registers. The highest Center-Aligned mode resolution available is 8.32 ns with the clock prescaler set to
the fastest clock.
6: Configure CLMOD (FCLCONX<8>) = 0 and ITB (PWMCONx<9>) = 1 to operate in External Period
Reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com