전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 387 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 387 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 383Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 384Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 385Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 386Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 387Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 388Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 389Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 390Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 387
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-6:
INPUT CAPTURE x (ICx) TIMING CHARACTERISTICS
FIGURE 27-7:
OUTPUT COMPARE x (OCx) MODULE TIMING CHARACTERISTICS
ICx
IC10
IC11
IC15
Note: Refer to Figure 27-1 for load conditions.
TABLE 27-26: INPUT CAPTURE x TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Max
Units
Conditions
IC10
TccL
ICx Input Low Time No prescaler
0.5 TCY + 20
—
ns
With prescaler
10
—
ns
IC11
TccH
ICx Input High Time No prescaler
0.5 TCY + 20
—
ns
With prescaler
10
—
ns
IC15
TccP
ICx Input Period
(TCY + 40)/N
—
ns
N = prescale value
(1, 4, 16)
Note 1: These parameters are characterized but not tested in manufacturing.
OCx
OC11
OC10
(Output Compare
Note: Refer to Figure 27-1 for load conditions.
or PWM Mode)
TABLE 27-27: OUTPUT COMPARE x MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
OC10
TccF
OCx Output Fall Time
—
—
—
ns
See Parameter DO32
OC11
TccR
OCx Output Rise Time
—
—
—
ns
See Parameter DO31
Note 1: These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com