전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 423 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 423 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 419Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 420Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 421Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 422Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 423Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 424Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 425Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 426Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 427Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 423
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
30.0 PACKAGING INFORMATION
30.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
If the full Microchip part number cannot be marked on one line, it is carried over to the next
line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
64-Lead TQFP (10x10x1mm)
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
dsPIC33FJ
32GS406
1210017
80-Lead TQFP (12x12x1mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
33FJ32GS608
-I/PT
1210017
-I/PT 3
e
3
e
64-Lead QFN (9x9x0.9mm)
Example
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
33FJ32FJ32
GS406-I/MR
1210017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More