전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC33FJ64GS406 데이터시트(PDF) 453 Page - Microchip Technology

부품명 dsPIC33FJ64GS406
상세설명  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 데이터시트(HTML) 453 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 448Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 449Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 450Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 451Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 452Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 453Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 454Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 455Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 456Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 453 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 453
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
33
=
16-Bit Digital Signal Controller
Flash Memory
Family:
FJ
=
Flash program memory, 3.3V
Product Group:
GS4
=
Switch Mode Power Supply (SMPS) family
GS6
=
Switch Mode Power Supply (SMPS) family
Pin Count:
06
=
64-pin
08
=
80-pin
10
=
100-pin
Speed:
50
=
50 MIPS
=
40 MIPS (marking intentionally absent)
Temperature Range: I=
-40
C to +85C (Industrial)
E=
-40
C to +125C (Extended)
Package:
PT
=
Plastic Thin Quad Flatpack - 10x10x1 mm body (TQFP)
PT
=
Plastic Thin Quad Flatpack - 12x12x1 mm body (TQFP)
PF
=
Plastic Thin Quad Flatpack - 14x14x1 mm body (TQFP)
MR
=
Plastic Quad Flat, No Lead Package - 9x9x0.9 mm body (QFN)
Examples:
a) dsPIC33FJ32GS406-50I/PT:
SMPS dsPIC33, 32-Kbyte
program memory, 64-pin,
50 MIPS, Industrial temp., TQFP
package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
dsPIC 33 FJ 32 GS4 06 T -50 I / PT - XXX
Tape and Reel Flag (if applicable)
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com