전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX44244 데이터시트(PDF) 7 Page - Maxim Integrated Products

부품명 MAX44244
상세설명  36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44244 데이터시트(HTML) 7 Page - Maxim Integrated Products

Back Button MAX44244 Datasheet HTML 3Page - Maxim Integrated Products MAX44244 Datasheet HTML 4Page - Maxim Integrated Products MAX44244 Datasheet HTML 5Page - Maxim Integrated Products MAX44244 Datasheet HTML 6Page - Maxim Integrated Products MAX44244 Datasheet HTML 7Page - Maxim Integrated Products MAX44244 Datasheet HTML 8Page - Maxim Integrated Products MAX44244 Datasheet HTML 9Page - Maxim Integrated Products MAX44244 Datasheet HTML 10Page - Maxim Integrated Products MAX44244 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Maxim Integrated
MAX44244/MAX44245/MAX44248
36V, Precision, Low-Power, 90µA,
Single/Quad/Dual Op Amps
Typical Operating Characteristics (continued)
(VDD = 10V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 5kω to VDD/2. Typical values are at TA = +25°C.)
INPUT VOLTAGE 0.1Hz TO 10Hz NOISE
MAX44248 toc17
400nV/div
1s/div
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
100
1k
10
1
-20
0
20
40
60
80
100
120
140
-40
0.1
1M
INPUT CURRENT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
1
2
3
4
5
6
7
8
9
10
0
10
100k
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
100
1k
10
1
-20
0
20
40
60
80
100
120
140
-40
0.1
1M
SMALL-SIGNAL STEP RESPONSE
MAX44248 toc21
VOUT
50mV/div
VIN
100mV/div
4µs/div
LARGE-SIGNAL STEP RESPONSE
MAX44248 toc22
VOUT
500mV/div
VIN
2V/div
4µs/div
POWER-UP TIME
MAX44248 toc23
VOUT
2V/div
VDD
10V/div
20µs/div
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
100k
RLOAD = 600I
RLOAD = 1kI
RLOAD = 5kI


유사한 부품 번호 - MAX44244

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX44244AUA++ MAXIM-MAX44244AUA+ Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
MAX44244AUK++ MAXIM-MAX44244AUK+ Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
More results

유사한 설명 - MAX44244

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com