전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX44244 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 MAX44244
상세설명  36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44244 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button MAX44244 Datasheet HTML 5Page - Maxim Integrated Products MAX44244 Datasheet HTML 6Page - Maxim Integrated Products MAX44244 Datasheet HTML 7Page - Maxim Integrated Products MAX44244 Datasheet HTML 8Page - Maxim Integrated Products MAX44244 Datasheet HTML 9Page - Maxim Integrated Products MAX44244 Datasheet HTML 10Page - Maxim Integrated Products MAX44244 Datasheet HTML 11Page - Maxim Integrated Products MAX44244 Datasheet HTML 12Page - Maxim Integrated Products MAX44244 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Maxim Integrated
MAX44244/MAX44245/MAX44248
36V, Precision, Low-Power, 90µA,
Single/Quad/Dual Op Amps
Pin Description
Detailed Description
The MAX44244/MAX44245/MAX44248 are high-precision
amplifiers with less than 2FV (typ) input-referred
offset and low input voltage-noise density at 10Hz.
1/f noise, in fact, is eliminated to improve the performance
in low-frequency applications. These characteristics are
achieved through an auto-zeroing technique that cancels
the input offset voltage and 1/f noise of the amplifier.
External Noise Suppression in EMI Form
These devices have input EMI filters to prevent effects
of radio frequency interference on the output. The EMI
filters comprise passive devices that present significant
higher impedance to higher frequency signals. See the
EMIRR vs. Frequency graph in the Typical Operating
Characteristics section for details.
High Supply Voltage Range
The devices feature 90µA current consumption per chan-
nel and a voltage supply range from either 2.7V to 36V
single supply or ±1.35V to ±18V split supply.
Applications Information
The devices feature ultra-high precision operational
amplifiers with a high supply voltage range designed
for load cell, medical instrumentation, and precision
instrument applications.
4–20mA Current-Loop Communication
Industrial environments typically have a large amount of
broadcast electromagnetic interference (EMI) from high-
voltage transients and switching motors. This combined
with long cables for sensor communication leads to
high-voltage noise on communication lines. Current-Loop
communication is resistant to this noise because the EMI
induced current is low. This configuration also allows for
low-power sensor applications to be powered from the
communication lines.
The Typical Operating Circuit shows how the device can
be used to make a current loop driver.
The circuit uses low-power components such as the
MAX44244 op amp, the 16-bit MAX5216 DAC, and the
high-precision 60µA-only MAX6033 reference. In this
PIN
NAME
FUNCTION
MAX44244
MAX44245
MAX44248
SOT23
µMAX
SO-14
TSSOP
SO-8
µMAX
1
6
1
1
1
1
OUTA
Channel A Output
2
4
11
11
4
4
VSS
Negative Supply Voltage
3
3
3
3
3
3
INA+
Channel A Positive Input
4
2
2
2
2
2
INA-
Channel A Negative Input
5
7
4
4
8
8
VDD
Positive Supply Voltage
5
5
5
5
INB+
Channel B Positive Input
6
6
6
6
INB-
Channel B Negative Input
7
7
7
7
OUTB
Channel B Output
8
8
OUTC
Channel C Output
9
9
INC-
Channel C Negative Input
10
10
INC+
Channel C Positive Input
12
12
IND+
Channel D Positive Input
13
13
IND-
Channel D Negative Input
14
14
OUTD
Channel D Output
1, 5, 8
N.C.
No Connection. Not internally
connected.


유사한 부품 번호 - MAX44244

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX44244AUA++ MAXIM-MAX44244AUA+ Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
MAX44244AUK++ MAXIM-MAX44244AUK+ Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
More results

유사한 설명 - MAX44244

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44244 MAXIM-MAX44244_V01 Datasheet
954Kb / 14P
   36V, Precision, Low-Power, 90關A, Single/Quad/Dual Op Amps
2018
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com