전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL852 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TL852
상세설명  SONAR RANGING RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL852 데이터시트(HTML) 3 Page - Texas Instruments

  TL852_12 Datasheet HTML 1Page - Texas Instruments TL852_12 Datasheet HTML 2Page - Texas Instruments TL852_12 Datasheet HTML 3Page - Texas Instruments TL852_12 Datasheet HTML 4Page - Texas Instruments TL852_12 Datasheet HTML 5Page - Texas Instruments TL852_12 Datasheet HTML 6Page - Texas Instruments TL852_12 Datasheet HTML 7Page - Texas Instruments TL852_12 Datasheet HTML 8Page - Texas Instruments TL852_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 − SEPTEMBER 1983 − REVISED MARCH 1988
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Voltage at any pin with respect to GND
− 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at any pin with respect to VCC
− 7 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
XIN input current (50% duty cycle)
±60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature (see Note 1)
1150 mW
. . . . . . . . . . . .
Operating free-air temperature range
− 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: For operation above 25
°C, derate linearly at the rate of 9.2 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
6.8
V
High-level input voltage, VIH
GCA, GCB, GCC, GCD
2.1
V
Low-level input voltage, VIL
GCA, GCB, GCC, GCD
0.6
V
Bias resistor between BIAS and GND
64
72
k
Operating free-air temperature, TA
0
40
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input clamp voltage at XIN
II = 40 mA
2.5
V
Input clamp voltage at XIN
II = − 40 mA
− 1.5
V
Open-circuit input voltage at GCA, GCB, GCC, GCD
VCC = 5 V,
II = 0
2.5
V
High-level input current, IIH, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIH = 2 V
− 0.5
mA
Low-level input current, IIL, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIL = 0
− 3
mA
Raceive output current
IG2IN = − 100 µA,
VO = 0.3 V
1
A
Raceive output current
IG2IN = 100 µA,
VO = 0.1 V
− 50
µA
Supply current, ICC
45
mA
‡ Typical values are at VCC = 5 V and TA = 25°C.


유사한 부품 번호 - TL852_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
More results

유사한 설명 - TL852_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com