전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QSE-020-01-L-D-A 데이터시트(PDF) 1 Page - Samtec, Inc

부품명 QSE-020-01-L-D-A
상세설명  HIGH SPEED GROUND PLANE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMTEC [Samtec, Inc]
홈페이지  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSE-020-01-L-D-A 데이터시트(HTML) 1 Page - Samtec, Inc

  QSE-020-01-L-D-A Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0,80 mm) .0315"
QSE SERIES
QSE–060–01–F–D–A
QSE–028–01–F–D–DP–A
QSE–020–01–L–D–A
Blade &
Beam
Design
Integral metal plane
for power or ground
WWW.SAMTEC.COM
APPLICATION
SPECIFIC OPTION
• 14 mm, 15 mm, 22 mm
and 30 mm stack height
(Caution: Some automatic
placement/inspection
machines may have
component height
restrictions. Please
consult machinery
specifications.)
• 30µ" (0,76 µm) Gold
(Specify -H plating for
Data Rate cable mating
applications.)
• Edge Mount
• 56 (-DP), 80, 100
positions per row
• Guide Posts and Friction
Lock options.
• Retention Option
Call Samtec.
F-213
*Note: –C Plating passes
10 year MFG testing
Note: Some lengths, styles
and options are non-standard,
non-returnable.
SPECIFICATIONS
Board Mates:
QTE
Cable Mates:
EQCD, EQSD, EQDP, EQRF
(See Application Specific note)
QSE
PINS PER ROW
NO. OF PAIRS
PLATING
OPTION
–020, –040, –060
(40 total pins per bank = –D)
–014, –028, –042
(14 pairs per bank = –D–DP)
–D
= Single-
Ended
–D–DP
= Differential
Pair
(–01 only)
TYPE
A
OTHER
OPTION
01
(0,64)
.025
(20,00) .7875
–D = (No. of Positions per Row/20) x
(20,00) .7875 + (1,27) .050
–D–DP = (No. of Positions per Row/14) x
(20,00) .7875 + (1,27) .050
01
02
(7,49)
.295
(0,15)
.006
(0,80)
.0315
(3,25)
.128
(3,05)
.120
(0,76)
.030
(7,24)
.285
(0,89)
.035
DIA
–L
–K
= (8,25 mm) .325"
DIA Polyimide
Film Pick &
Place Pad
–TR
= Tape & Reel
Packaging
(N/A on 56 &
80 positions)
–L
= Latching Option
(N/A on 42, 56, 60
& 80 positions)
–F
= Gold Flash on
Signal Pins and
Ground Plane, Matte
Tin on tails
–L
= 10µ" (0,25 µm) Gold
on Signal Pins
and Ground Plane,
Matte Tin on tails
–C*
= Electro-Polished
Selective
50µ" (1,27 µm) min
Au over 150µ"
(3,81 µm) Ni on Signal
Pins in contact area,
10µ" (0,25 µm) min
Au over 50µ" (1,27 µm)
Ni on Ground Plane
in contact area,
Matte Tin over 50µ"
(1,27 µm) min Ni on
all solder tails
®
EXTENDED LIFE PRODUCT
10 year Mixed Flowing Gas with 50µ" Gold
TM
Call Samtec for maximum cycles mated with QTE
HIGH SPEED GROUND PLANE SOCKET
QTE
LEAD
STYLE
MATED
HEIGHT
WITH QSE*
–01
(5,00) .197
–02
(8,00) .315
–03
(11,00) .433
–04
(16,00) .630
–05
(19,00) .748
–07
(25,00) .984
*Processing
conditions will
affect mated height.
QTE/QSE
5 mm Stack Height
Type
Rated @ 3dB Insertion Loss
with PCB effects*
w/o PCB effects**
Single-Ended Signaling
–D
9 GHz / 18 Gbps
9 GHz / 18 Gbps
Differential Pair Signaling
–D
8 GHz / 16 Gbps
14 GHz / 28 Gbps
Differential Pair Signaling
–DP
8.5 GHz / 17 Gbps 13.5 GHz / 27 Gbps
*Performance data includes effects of a non-optimized PCB.
**Test board losses de-embedded from performance data.
Performance data for other stack heights and complete test data
available at www.samtec.com?QSE or contact sig@samtec.com
finalinch.com
®
For complete specifications and
recommended PCB layouts see
www.samtec.com?QSE
Insulator Material:
Liquid Crystal
Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Current Rating:
Contacts:
1.3A per contact @ 95°C
Ground Plane:
10.1A per ground plane @ 95°C
Operating Temp Range:
-55°C to +125°C
Voltage Rating:
225 VAC (5 mm Stack Height)
Max Cycles:
100
RoHS Compliant:
Yes
Processing:
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10 mm) .004" max (020-060)
Board Stacking:
For applications requiring more
than two connectors per board
contact ipg@samtec.com
100 GbE
XAUI
PCI Express
®
SATA
MGT (Rocket
I/O)
InfiniBand
Download app
notes at
www.samtec.com/appnote
Contact SIG
@ samtec.com
for questions
on protocols
Protocols
Supported
ALSO AVAILABLE
Board Spacing Standoffs.
See SO Series.


유사한 부품 번호 - QSE-020-01-L-D-A

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
QSE-020-01-L-D-EM2 SAMTEC-QSE-020-01-L-D-EM2 Datasheet
382Kb / 2P
   .8mm EDGE MOUNT HS SOCKET ASSEMBLY
More results

유사한 설명 - QSE-020-01-L-D-A

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-F-D-A SAMTEC-QSE-020-01-F-D-A Datasheet
314Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSH-020-01-L-D-DP-A SAMTEC-QSH-020-01-L-D-DP-A Datasheet
343Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSE-020-01-H-D-A SAMTEC-QSE-020-01-H-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-030-01-L-D-A-K SAMTEC-QSH-030-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-060-01-L-D-A-K-TR SAMTEC-QSH-060-01-L-D-A-K-TR Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-040-01-L-D-A-GP SAMTEC-QSE-040-01-L-D-A-GP Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSS-075-01-L-D-A SAMTEC-QSS-075-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSS-025-01-L-D-A SAMTEC-QSS-025-01-L-D-A Datasheet
306Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com