전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QSH-060-01-L-D-A-K-TR 데이터시트(PDF) 1 Page - Samtec, Inc

부품명 QSH-060-01-L-D-A-K-TR
상세설명  HIGH SPEED GROUND PLANE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMTEC [Samtec, Inc]
홈페이지  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSH-060-01-L-D-A-K-TR 데이터시트(HTML) 1 Page - Samtec, Inc

  QSH-060-01-L-D-A-K-TR Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0,50mm) .0197"
QSH SERIES
QSH–030–01–F–D–A–RT1
QSH–060–01–L–D–A–K
Blade &
Beam Design
QSH–060–01–L–D–DP–A
Integral metal plane
for power or ground
WWW.SAMTEC.COM
QSH
PINS PER ROW
NO. OF PAIRS
PLATING
OPTION
–030, –060, –090, –120
(60 total pins per bank = –D)
–020, –040, –060, –080
(20 pairs per bank = –D–DP)
–D
= Single-
Ended
–D–DP
= Differential
Pair
(–01 only)
TYPE
A
OTHER
OPTION
01
–01
–RT1
–L
–F
= Gold Flash
on Signal Pins
and Ground Plane,
Matte Tin on tails
–L
= 10µ" (0,25µm)
Gold on Signal Pins
and Ground Plane,
Matte Tin on tails
–C*
= Electro-Polished
Selective
50µ" (1,27µm) min Au
over 150µ" (3,81µm)
Ni on Signal Pins
in contact area,
10µ" (0,25µm) min Au
over 50µ" (1,27µm)
Ni on Ground Plane
in contact area,
Matte Tin over 50µ"
(1,27µm) min Ni
on all solder tails
F-211-1
For complete specifications and
recommended PCB layouts see
www.samtec.com?QSH
Insulator Material:
Liquid Crystal
Polymer
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over 50µ" (1,27µm) Ni
Current Rating:
Contact: 1.0A @ 30°C
Temperature Rise
Ground Plane: 7.8A @ 30°C
Temperature Rise
Operating Temp Range:
-55°C to +125°C
Voltage Rating:
125 VAC (5mm Stack Height)
Max Cycles:
100
Unmating Force (-RT1 option):
-RT1 option increases
unmating force up to 50%
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10mm) .004" max (030-060)
(0,15mm) .006" max (090-120)
Board Stacking:
For applications requiring
more than two connectors
per board or 4 banks or more,
contact ipg@samtec.com
APPLICATION
SPECIFIC OPTION
• 14mm, 15mm, 22mm and
30mm stack height
(Caution: Some automatic
placement/inspection
machines may have
component height
restrictions. Please consult
machinery specifications.)
• 30µ" (0,76µm) Gold
(Specify -H plating for Data
Rate cable mating
applications.)
• Edge Mount & Guide Posts
• 150 positions per row
Call Samtec.
*Note: –C Plating passes
10 year MFG testing
Note: Some lengths, styles
and options are non-standard,
non-returnable.
SPECIFICATIONS
Board Mates:
QTH
Cable Mates:
HQCD, HQDP,
HFHM2
(See Application
Specific note)
Board Spacing Standoffs.
See SO Series.
ALSO AVAILABLE
Hypertranspor
t
XAUI
PCI Express
®
SATA
Infiniband
Download app
notes at
www.samtec.com/appnote
Contact SIG
@ samtec.com
for questions
on protocols
Protocols
Supported
HIGH SPEED GROUND PLANE SOCKET
finalinch.com
®
5mm Stack Height
Type
Rated @ 3dB Insertion Loss
Single-Ended Signaling
–D
9 GHz / 18 Gbps
Differential Pair Signaling
–D
8 GHz / 16 Gbps
Differential Pair Signaling
–DP
9.5 GHz / 19 Gbps
Performance data for other stack heights and complete
test data available at www.samtec.com?QSH or contact
sig@samtec.com
EXTENDED LIFE PRODUCT
10 year Mixed Flowing Gas with 50µ" Gold
TM
Call Samtec for maximum cycles mated with QTH
• Retention pin
option
(20,00) .7875
–DP = (No. of Pairs per Row/20) x
(20,00) .7875 + (1,27) .050
–D = (No. of Pins per Row/30) x
(20,00) .7875 + (1,27) .050
01
02
(7,49)
.295
(0,15)
.006
(0,50)
.0197
(3,25)
.128
(0,76)
.030
(7,24)
.285
(0,89)
.035
DIA
(3,05)
.120
(3,81)
.150
(3,76)
.148
DIA
(0,64)
.025
–K
= (8,25mm)
.325" DIA
Polyimide Film
Pick & Place Pad
–TR
= Tape & Reel
(–090 positions
maximum)
–RT1
= Retention
Option
(–090 positions
maximum)
–L
= Latching
Option
(N/A on
–060 (–D–DP),
–080, –090 &
–120 positions
or –RT1 option)
QTH
LEAD
STYLE
MATED
HEIGHT
WITH QSH*
–01
(5,00) .197
–02
(8,00) .315
–03
(11,00) .433
–04
(16,00) .630
–05
(19,00) .748
–07
(25,00) .984
*Processing
conditions will
affect mated height.
®


유사한 부품 번호 - QSH-060-01-L-D-A-K-TR

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
QSH-060-01-L-D-A-K SAMTEC-QSH-060-01-L-D-A-K Datasheet
1Mb / 4P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
More results

유사한 설명 - QSH-060-01-L-D-A-K-TR

제조업체부품명데이터시트상세설명
logo
Samtec, Inc
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-F-D-A SAMTEC-QSE-020-01-F-D-A Datasheet
314Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSH-020-01-L-D-DP-A SAMTEC-QSH-020-01-L-D-DP-A Datasheet
343Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSE-020-01-H-D-A SAMTEC-QSE-020-01-H-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-030-01-L-D-A-K SAMTEC-QSH-030-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSE-040-01-L-D-A-GP SAMTEC-QSE-040-01-L-D-A-GP Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSS-075-01-L-D-A SAMTEC-QSS-075-01-L-D-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSS-025-01-L-D-A SAMTEC-QSS-025-01-L-D-A Datasheet
306Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com