전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EEUED2C680 데이터시트(PDF) 2 Page - Panasonic Battery Group

부품명 EEUED2C680
상세설명  Aluminum Electrolytic Capacitors/ ED Radial Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONICBATTERY [Panasonic Battery Group]
홈페이지  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUED2C680 데이터시트(HTML) 2 Page - Panasonic Battery Group

  EEUED2C680 Datasheet HTML 1Page - Panasonic Battery Group EEUED2C680 Datasheet HTML 2Page - Panasonic Battery Group EEUED2C680 Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminum Electrolytic Capacitors/ ED
 EE88 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
n
Standard Products
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(V)
160
200
350
tan
δ
(120Hz)
(+20
°C)
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Ripple
current
(100kHz)
(+105˚C)
Taping
*B
Min.Packaging Q'ty
Straight
Leads
22
10
20
500
0.15
8000
0.6
5.0
5.0
EEUED2C220( )
200
500
33
10
20
580
0.15
8000
0.6
5.0
5.0
EEUED2C330( )
200
500
47
10
20
750
0.15
8000
0.6
5.0
5.0
EEUED2C470( )
200
500
68
12.5
20
950
0.15
10000
0.6
5.0
5.0
EEUED2C680( )
200
500
82
12.5
25
1060
0.15
10000
0.6
5.0
5.0
EEUED2C820( )
200
500
100
12.5
25
1170
0.15
10000
0.6
5.0
5.0
EEUED2C101( )
200
500
16
20
1280
0.15
10000
0.8
7.5
7.5
EEUED2C101S( )
100
250
150
16
25
1400
0.15
10000 0.8
7.5
7.5
EEUED2C151( )
100
250
18
20
1400
0.15
10000
0.8
7.5
7.5
EEUED2C151S( )
100
250
220
16
31.5
1700
0.15
10000
0.8
7.5
EEUED2C221
100
18
25
1500
0.15
10000
0.8
7.5
7.5
EEUED2C221S( )
100
250
330
18
31.5
2000
0.15
10000
0.8
7.5
EEUED2C331
50
22
10
20
600
0.15
8000
0.6
5.0
5.0
EEUED2D220( )
200
500
33
10
20
650
0.15
8000
0.6
5.0
5.0
EEUED2D330( )
200
500
47
12.5
20
790
0.15
10000
0.6
5.0
5.0
EEUED2D470( )
200
500
68
12.5
25
950
0.15
10000
0.6
5.0
5.0
EEUED2D680( )
200
500
16
20
1000
0.15
10000
0.8
7.5
7.5
EEUED2D680S ( )
100
250
82
16
20
1100
0.15
10000
0.8
7.5
7.5
EEUED2D820S( )
100
250
100
16
25
1300
0.15
10000
0.8
7.5
7.5
EEUED2D101( )
100
250
18
20
1280
0.15
10000
0.8
7.5
7.5
EEUED2D101S( )
100
250
150
16
25
1400
0.15
10000
0.8
7.5
7.5
EEUED2D151( )
100
250
220
18
31.5
2000
0.15
10000
0.8
7.5
EEUED2D221
50
330
18
40
2400
0.15
10000
0.8
7.5
EEUED2D331
50
22
10
20
560
0.15
8000
0.6
5.0
5.0
EEUED2E220( )
200
500
33
12.5
20
710
0.15
10000
0.6
5.0
5.0
EEUED2E330( )
200
500
47
12.5
25
920
0.15
10000
0.6
5.0
5.0
EEUED2E470( )
200
500
16
20
990
0.15
10000
0.8
7.5
7.5
EEUED2E470S( )
100
250
68
16
20
1000
0.15
10000
0.8
7.5
7.5
EEUED2E680S( )
100
250
82
16
25
1200
0.15
10000
0.8
7.5
7.5
EEUED2E820( )
100
250
18
20
1200
0.15
10000
0.8
7.5
7.5
EEUED2E820S( )
100
250
100
16
31.5
1500
0.15
10000
0.8
7.5
EEUED2E101
100
18
25
1500
0.15
10000
0.8
7.5
7.5
EEUED2E101S( )
100
250
150
18
31.5
1800
0.15
10000
0.8
7.5
EEUED2E151
50
220
18
40
2100
0.15
10000
0.8
7.5
EEUED2E221
50
10
10
20
350
0.20
8000
0.6
5.0
5.0
EEUED2V100( )
200
500
22
12.5
20
480
0.20
10000
0.6
5.0
5.0
EEUED2V220( )
200
500
33
16
20
640
0.20
10000
0.8
7.5
7.5
EEUED2V330S( )
100
250
47
16
25
800
0.20
10000
0.8
7.5
7.5
EEUED2V470( )
100
250
18
20
800
0.20
10000
0.8
7.5
7.5
EEUED2V470S( )
100
250
68
16
31.5
1100
0.20
10000
0.8
7.5
EEUED2V680
100
18
25
1000
0.20
10000
0.8
7.5
7.5
EEUED2V680S( )
100
250
82
18
25
1100
0.20
10000
0.8
7.5
7.5
EEUED2V820S( )
100
250
250
Endu-
rance
(hours)


유사한 부품 번호 - EEUED2C680

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EEUED2C680 PANASONIC-EEUED2C680 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEUED2C680 PANASONIC-EEUED2C680 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C680 PANASONIC-EEUED2C680 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C680 PANASONIC-EEUED2C680 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C680B PANASONIC-EEUED2C680B Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

유사한 설명 - EEUED2C680

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com