전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31-5610-050-210-871 데이터시트(PDF) 3 Page - AVX Corporation

부품명 31-5610-050-210-871
상세설명  Compact Flash Memory Card Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

31-5610-050-210-871 데이터시트(HTML) 3 Page - AVX Corporation

  31-5610-050-210-871 Datasheet HTML 1Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 2Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 3Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28
Compact Flash Memory Card Connectors
Series 5620 Header/Ejector Assembly H=0mm
ASSEMBLY
CONNECTOR
Description
Pin Number
0.10
Power
1, 13, 38, 50
5.00
General
All other pins
4.25
Detect
25, 26
3.50
KEYING
A
B
C
D
E
F
G
H
Normal
1.4
0.78
1
13
25
26
38
50
31
5620
050
116
871
CONNECTOR HOW TO ORDER
30
5620
000
XXX
000
EJECTOR HOW TO ORDER
RECOMMENDED PRINTED CIRCUIT LAYOUT
Variation Code
See page 23


유사한 부품 번호 - 31-5610-050-210-871

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
31-5607 AMPHENOL-31-5607 Datasheet
57Kb / 1P
TNC PCB Receptacles
31-5633 AMPHENOL-31-5633 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5633 AMPHENOL-31-5633 Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
305Kb / 2P
BNC 50 ohm PCB Receptacles
More results

유사한 설명 - 31-5610-050-210-871

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
Flash Memory Card
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
List of Unclassifed Man...
MI20 ETC2-MI20 Datasheet
358Kb / 16P
Compact Flash Card Connectors
logo
AVX Corporation
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
Compact Flash Memory Card
5610 AVX-5610 Datasheet
180Kb / 5P
Compact Flash Memory Card Connectors
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
flash memory card
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
flash memory card
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com