| 전자부품 데이터시트 검색엔진 |
|
CV500-SLK21 데이터시트(PDF) 155 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 데이터시트(HTML) 155 Page - Omron Electronics LLC |
|
155 / 182 page ![]() Appendix B Specifications 142 Battery Lifetimes CPU Battery The minimum lifetimes of the battery are given below. Model Battery life Memory backup time without power supplied Guaranteed value Effective value CV500/CVM1-CPU01-EV2 5 years 9,000 hours (approx. 1 year) 43,000 hours (approx. 5 years) CV1000/2000, CVM1-CPU21-EV2 without Expansion DM, CVM1-CPU11-EV2 5,600 hours (approx. 0.6 year) CV1000/2000, CVM1-CPU21-EV2 with Expansion DM 2,900 hours (approx. 0.3 year) Guaranteed value: Memory backup time without power supplied at 55 °C. Effective value: Memory backup time without power supplied at 25 °C. Approx. 4.4 years CV500 Approx. 1 year Approx. 0.6 year Approx. 0.3 year Approx. 2.3 year CV1000 with Expansion DM CV1000 without Expansion DM Temperature ( °C) Time (years) Memory Card Battery The life of the battery of the Memory Card varies with the Unit, as shown in the following table. Model Capacity Life HMC-ES641 64 KB 5 years HMC-ES151 128 KB 3 years HMC-ES251 256 KB 1 year HMC-ES551 512 KB 0.5 years |