전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2211IDBVR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2211IDBVR
상세설명  Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLV2211IDBVR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TLV2211IDBVR Datasheet HTML 2Page - Texas Instruments TLV2211IDBVR Datasheet HTML 3Page - Texas Instruments TLV2211IDBVR Datasheet HTML 4Page - Texas Instruments TLV2211IDBVR Datasheet HTML 5Page - Texas Instruments TLV2211IDBVR Datasheet HTML 6Page - Texas Instruments TLV2211IDBVR Datasheet HTML 7Page - Texas Instruments TLV2211IDBVR Datasheet HTML 8Page - Texas Instruments TLV2211IDBVR Datasheet HTML 9Page - Texas Instruments TLV2211IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2211C
TLV2211I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
0.47
3
0.47
3
mV
VIO
Temperature
coefficient of input
Full range
1
1
V/
°C
αVIO
coefficient of input
offset voltage
VDD = ± 1.5 V,
VIC = 0,
Full range
1
1
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±1.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
Full range
0.5
60
0.5
60
pA
IIB
Input bias current
Full range
1
60
1
60
pA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode input
|VIO |≤5 mV,
RS = 50 Ω
25 C
to
2
to
2.2
to
2
to
2.2
V
VICR
Common-mode input
voltage range
|VIO | ≤5 mV,
RS = 50 Ω
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
1.7
to
1.7
High-level output
IOH = − 100 µA
25
°C
2.94
2.94
VOH
High-level output
voltage
IOH = − 250 A
25
°C
2.85
2.85
V
VOH
voltage
IOH = − 250 µA
Full range
2.5
2.5
V
Low-level output
VIC = 1.5 V,
IOL = 50 µA
25
°C
15
15
VOL
Low-level output
voltage
VIC = 1.5 V,
IOL = 500 A
25
°C
150
150
mV
VOL
voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
500
500
mV
Large-signal
V
= 1.5 V,
RL = 10 kه
25
°C
3
7
3
7
AVD
Large-signal
differential voltage
VIC = 1.5 V,
VO = 1 V to 2 V
RL = 10 kه
Full range
1
1
V/mV
AVD
differential voltage
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
600
600
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode
input resistance
25
°C
1012
1012
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
5
5
pF
zo
Closed-loop
output impedance
f = 7 kHz,
AV = 1
25
°C
200
200
CMRR
Common-mode
VIC = 0 to 1.7 V,
VO = 1.5 V,
25
°C
65
83
65
83
dB
CMRR
Common-mode
rejection ratio
VIC = 0 to 1.7 V,
RS = 50 Ω
VO = 1.5 V,
Full range
60
60
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 8 V,
VIC = VDD /2
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 8 V,
No load
VIC = VDD /2
,
Full range
80
80
dB
IDD
Supply current
VO = 1.5 V,
No load
25
°C
11
25
11
25
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
30
30
µA
† Full range for the TLV2211C is 0°C to 70°C. Full range for the TLV2211I is − 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


유사한 부품 번호 - TLV2211IDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2211IDBVR TI1-TLV2211IDBVR Datasheet
680Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLV2211IDBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2711CDBVR TI-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI1-TLV2211_11 Datasheet
713Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI1-TLV2211_15 Datasheet
680Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com