전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJMC204ESS 데이터시트(PDF) 160 Page - Microchip Technology

부품명 DSPIC33FJMC204ESS
상세설명  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204ESS 데이터시트(HTML) 160 Page - Microchip Technology

Back Button DSPIC33FJMC204ESS Datasheet HTML 156Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 157Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 158Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 159Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 160Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 161Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 162Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 163Page - Microchip Technology DSPIC33FJMC204ESS Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 160
© 2007-2012 Microchip Technology Inc.
FIGURE 15-1:
6-CHANNEL PWM MODULE BLOCK DIAGRAM (PWM1)
P1DC3
P1DC3 Buffer
PWM1CON1
PWM1CON2
P1TPER
Comparator
Comparator
Channel 3 Dead-Time
Generator and
P1TCON
P1SECMP
Comparator
Special Event Trigger
P1OVDCON
PWM Enable and Mode SFRs
PWM Manual
Control SFR
Channel 2 Dead-Time
Generator and
Channel 1 Dead-Time
Generator and
PWM
Generator 2
PWM
Generator 1
PWM Generator 3
SEVTDIR
PTDIR
P1DTCON1
Dead-Time Control SFRs
PWM1L1
PWM1H1
PWM1L2
PWM1H2
Note:
Details of PWM Generator 1and PWM Generator 2 are not shown for clarity.
PWM1L3
PWM1H3
P1DTCON2
P1FLTACON
Fault Pin Control SFRs
PWM Time Base
Output
Driver
Block
FLTA1
Override Logic
Override Logic
Override Logic
Special Event
Postscaler
P1TPER Buffer
P1TMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More