| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJMC304IMM 데이터시트(PDF) 296 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC304IMM 데이터시트(HTML) 296 Page - Microchip Technology |
|
296 / 330 page ![]() dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 DS70283K-page 296 © 2007-2012 Microchip Technology Inc. 27.1 Package Marking Information (Continued) Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: If the full Microchip part number cannot be marked on one line, it is carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead QFN-S XXXXXXXX XXXXXXXX YYWWNNN Example 33FJ32MC 202E/MM 0730235 XXXXXXXXXX 44-Lead QFN XXXXXXXXXX XXXXXXXXXX YYWWNNN dsPIC33FJ32 Example MC204-E/ML 0730235 44-Lead TQFP XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN Example dsPIC33FJ 32MC204 0730235 -E/PT 3 e 3 e 3 e |